Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43202-8919 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 43202-8919
Description  Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, with Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

43202-8919 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  43202-8919 Datasheet HTML 1Page - Molex Electronics Ltd. 43202-8919 Datasheet HTML 2Page - Molex Electronics Ltd. 43202-8919 Datasheet HTML 3Page - Molex Electronics Ltd. 43202-8919 Datasheet HTML 4Page - Molex Electronics Ltd. 43202-8919 Datasheet HTML 5Page - Molex Electronics Ltd. 43202-8919 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Grounding to PCB
Yes
Grounding to Panel
Yes
Shielded
Yes
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-43202-004
Product Specification
PS-43202-001, RPS-43202-002
Sales Drawing
SDA-43202
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 43202-8919

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43202-8910 MOLEX5-43202-8910 Datasheet
335Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/10
43202-8911 MOLEX5-43202-8911 Datasheet
335Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, with Bottom Grounding Tab, Rear Position PCB Ground Tab, 8/10
43202-8916 MOLEX5-43202-8916 Datasheet
335Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, No Panel Grounding Tabs, with Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
43202-8917 MOLEX5-43202-8917 Datasheet
335Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, Top Panel Grounding Tabs, with Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
43202-8918 MOLEX5-43202-8918 Datasheet
335Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, Offset Panel Grounding Tabs, with Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
More results

Similar Description - 43202-8919

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0432028919 MOLEX1-0432028919_18 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, with Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028819 MOLEX5-0432028819 Datasheet
373Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028819 MOLEX1-0432028819_18 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, without Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028917 MOLEX5-0432028917 Datasheet
335Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, Top Panel Grounding Tabs, with Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028917 MOLEX1-0432028917_18 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, Top Panel Grounding Tabs, with Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028903 MOLEX5-0432028903 Datasheet
335Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, with Bottom Grounding Tab, Front Position PCB Ground Tab, 8/10
0432028916 MOLEX1-0432028916_18 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, No Panel Grounding Tabs, with Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028916 MOLEX5-0432028916 Datasheet
335Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, No Panel Grounding Tabs, with Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028918 MOLEX5-0432028918 Datasheet
335Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, Offset Panel Grounding Tabs, with Bottom Grounding Tab, Front Position PCB Ground Tab, 8/8
0432028927 MOLEX1-0432028927_18 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, All Panel Grounding Tabs, with Bottom Grounding Tab, Rear Position PCB Ground Tab, 8/8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com