Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9243 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # IRF9243
Description  P-CHANNEL POWER MOSFETS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

IRF9243 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button IRF9243 Datasheet HTML 4Page - Samsung semiconductor IRF9243 Datasheet HTML 5Page - Samsung semiconductor IRF9243 Datasheet HTML 6Page - Samsung semiconductor IRF9243 Datasheet HTML 7Page - Samsung semiconductor IRF9243 Datasheet HTML 8Page - Samsung semiconductor IRF9243 Datasheet HTML 9Page - Samsung semiconductor IRF9243 Datasheet HTML 10Page - Samsung semiconductor IRF9243 Datasheet HTML 11Page - Samsung semiconductor IRF9243 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image


Similar Part No. - IRF9243

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRF9240 SEME-LAB-IRF9240 Datasheet
25Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF9240 INTERSIL-IRF9240 Datasheet
63Kb / 7P
   -11A, -200V, 0.500 Ohm, P-Channel Power MOSFET
logo
International Rectifier
IRF9240 IRF-IRF9240 Datasheet
147Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.5ohm, Id=-11A)
logo
Seme LAB
IRF9240 SEME-LAB-IRF9240 Datasheet
29Kb / 2P
   P?밅HANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRF9240 NJSEMI-IRF9240 Datasheet
158Kb / 4P
   P-CHANNEL POWER MOSFETS
More results

Similar Description - IRF9243

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9530 SAMSUNG-IRF9530 Datasheet
378Kb / 6P
   P-CHANNEL POWER MOSFETS
IRF9540 SAMSUNG-IRF9540 Datasheet
381Kb / 6P
   P-CHANNEL POWER MOSFETS
logo
Harris Corporation
IRF9540 HARRIS-IRF9540 Datasheet
424Kb / 7P
   P-CHANNEL POWER MOSFETS
logo
Samsung semiconductor
IRFU9010 SAMSUNG-IRFU9010 Datasheet
306Kb / 5P
   P-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF9640 NJSEMI-IRF9640 Datasheet
158Kb / 4P
   P-CHANNEL POWER MOSFETS
logo
Samsung semiconductor
IRF9Z24 SAMSUNG-IRF9Z24 Datasheet
287Kb / 5P
   P-CHANNEL POWER MOSFETs
logo
New Jersey Semi-Conduct...
IRFP9240 NJSEMI-IRFP9240 Datasheet
158Kb / 4P
   P-CHANNEL POWER MOSFETS
logo
Texas Instruments
CSD25401Q3 TI1-CSD25401Q3 Datasheet
392Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFETs
logo
Unisonic Technologies
UTT60P03 UTC-UTT60P03 Datasheet
168Kb / 5P
   -60A, -30V, P-CHANNEL POWER MOSFETS
logo
Silicon Standard Corp.
SSM4953M SSC-SSM4953M Datasheet
115Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com