Electronic Components Datasheet Search |
|
395382004 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
395382004 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 04/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0395382004 Status: Active Description: 5.08mm (.200") Pitch Eurostyle™ Vertical Dual Level PCB Header, Open Ends, 4 Circuits Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) General Product Family Terminal Blocks Series 39538 Application Wire-to-Board Component Type PCB Header Product Literature Order No USA-355 Product Name ESE, Eurostyle™Pluggable Type Euro Block Physical Circuits (Loaded) 4 Entry Angle N/A Lock to Mating Part Yes Number of Rows 2 Orientation Vertical PC Tail Length (in) 0.138 In PC Tail Length (mm) 3.50 mm PCB Thickness Recommended (in) 0.120 In PCB Thickness Recommended (mm) 3.00 mm Panel Mount No Pitch - Mating Interface (in) 0.200 In Pitch - Mating Interface (mm) 5.08 mm Polarized to Mating Part Yes Shrouded Open Ends Stackable Yes Surface Mount Compatible (SMC) N/A Temperature Range - Operating -40°C to +105°C Wire Size AWG N/A Electrical Current - Maximum per Contact 15A Voltage - Maximum 300V Material Info Reference - Drawing Numbers Sales Drawing SD-39538-003 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 39538Series Mates With 39530 Horizontal Plug, 39533 Vertical Plug, Most 5.08mm (.200") Pitch Industry Standard Plugs This document was generated on 04/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 395382004 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |