Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1170D191A-T2 Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1170D191A-T2
Description  800mA LDO REGULATOR????
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1170D191A-T2 Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1170D191A-T2 Datasheet HTML 1Page - RICOH electronics devices division R1170D191A-T2 Datasheet HTML 2Page - RICOH electronics devices division R1170D191A-T2 Datasheet HTML 3Page - RICOH electronics devices division R1170D191A-T2 Datasheet HTML 4Page - RICOH electronics devices division R1170D191A-T2 Datasheet HTML 5Page - RICOH electronics devices division R1170D191A-T2 Datasheet HTML 6Page - RICOH electronics devices division R1170D191A-T2 Datasheet HTML 7Page - RICOH electronics devices division R1170D191A-T2 Datasheet HTML 8Page - RICOH electronics devices division R1170D191A-T2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Rev. 1.10
-3-
q
HSON-6P
6
5
4
1
2
3
s
s
s
s
PIN DESCRIPTION
SOT89-5
Pin No.
Symbol
Description
1
CE or CE
Chip Enable Pin Voltage Regulator Output Pin
2
GND
Ground Pin
3
NC
No Connection
4VDD
Input Pin
5VOUT
Voltage Regulator Output Pin
HSON-6P
Pin No.
Symbol
Description
1VOUT
Voltage Regulator Output Pin
2VOUT
Voltage Regulator Output Pin
3
CE or CE
Chip Enable Pin Voltage Regulator Output Pin
4
GND
Ground Pin
5VDD
Input Pin
6VDD
Input Pin
s
s
s
s
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Rating
Unit
Input Voltage
VIN
7.0
V
Input Voltage(CE or CE Input Pin)*Note
VCE
-0.3 ~ VIN+0.3
V
Output Voltage
VOUT
-0.3 ~ VIN+0.3
V
Output Current
IOUT
1.2
A
Power Dissipation
PD
Internally limited
Operating Temperature
Topt
-40 ~ 85
°C
Storage Temperature
Tstg
-55 ~ 125
°C


Similar Part No. - R1170D191A-T2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170D151A-TR-FE RICOH-R1170D151A-TR-FE Datasheet
215Kb / 22P
   800mA LDO REGULATOR
R1170D151B-TR-FE RICOH-R1170D151B-TR-FE Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170D151L-TR-FE NISSHINBO-R1170D151L-TR-FE Datasheet
283Kb / 22P
   800mA LDO REGULATOR
More results

Similar Description - R1170D191A-T2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
   800MA LDO REGULATOR
LR9270 UTC-LR9270 Datasheet
199Kb / 7P
   800mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
   800mA LDO Regulator IC
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
Lowpower Semiconductor ...
LP1116 POWER-LP1116 Datasheet
649Kb / 6P
   800mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com