Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S281632B-N Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K4S281632B-N
Description  2M x 16Bit x 4 Banks Synchronous DRAM in sTSOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S281632B-N Datasheet(HTML) 1 Page - Samsung semiconductor

  K4S281632B-N Datasheet HTML 1Page - Samsung semiconductor K4S281632B-N Datasheet HTML 2Page - Samsung semiconductor K4S281632B-N Datasheet HTML 3Page - Samsung semiconductor K4S281632B-N Datasheet HTML 4Page - Samsung semiconductor K4S281632B-N Datasheet HTML 5Page - Samsung semiconductor K4S281632B-N Datasheet HTML 6Page - Samsung semiconductor K4S281632B-N Datasheet HTML 7Page - Samsung semiconductor K4S281632B-N Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
K4S281632B-N
CMOS SDRAM
shrink-TSOP
The K4S281632B-N is 134,217,728 bits synchronous high
data rate Dynamic RAM organized as 4 x 2,097,152 words by
16 bits, fabricated with SAMSUNG
′s high performance CMOS
technology. Synchronous design allows precise cycle control
with the use of system clock I/O transactions are possible on
every clock cycle. Range of operating frequencies, programma-
ble burst length and programmable latencies allow the same
device to be useful for a variety of high bandwidth, high perfor-
mance memory system applications.
• JEDEC standard 3.3V power supply
• LVTTL compatible with multiplexed address
• Four banks operation
• MRS cycle with address key programs
- CAS latency (2 & 3)
- Burst length (1, 2, 4, 8 & Full page)
- Burst type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system
clock.
• Burst read single-bit write operation
• DQM for masking
• Auto & self refresh
• 64ms refresh period (4K cycle)
GENERAL DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
2M x 16Bit x 4 Banks Synchronous DRAM in sTSOP
Bank Select
Data Input Register
2M x 16
2M x 16
Column Decoder
Latency & Burst Length
Programming Register
LCKE
LRAS
LCBR
LWE
LDQM
CLK
CKE
CS
RAS
CAS
WE
LDQM
LWE
LDQM
DQi
CLK
ADD
LCAS
LWCBR
2M x 16
2M x 16
Timing Register
UDQM
* Samsung Electronics reserves the right to change products or specification without notice.
ORDERING INFORMATION
Part No.
Max Freq.
Interface Package
K4S281632B-NC/L1H
100MHz(CL=2)
LVTTL
54pin
sTSOP(II)
K4S281632B-NC/L1L
100MHz(CL=3)


Similar Part No. - K4S281632B-N

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S281632B-TC10 SAMSUNG-K4S281632B-TC10 Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632B-TC1H SAMSUNG-K4S281632B-TC1H Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632B-TC1L SAMSUNG-K4S281632B-TC1L Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632B-TC75 SAMSUNG-K4S281632B-TC75 Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632B-TC80 SAMSUNG-K4S281632B-TC80 Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S281632B-N

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
List of Unclassifed Man...
TTS3816B4E ETC1-TTS3816B4E Datasheet
274Kb / 8P
   2M x 16Bit x 4 Banks synchronous DRAM
logo
Samsung semiconductor
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4D261638E SAMSUNG-K4D261638E Datasheet
215Kb / 16P
   2M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
K4S281632C SAMSUNG-K4S281632C Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632D SAMSUNG-K4S281632D Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com