Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395240005 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 395240005
Description  5.00mm (.197") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 5 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395240005 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  395240005 Datasheet HTML 1Page - Molex Electronics Ltd. 395240005 Datasheet HTML 2Page - Molex Electronics Ltd. 395240005 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Dim. C
Dim D
Description
Circuit
size
None
10A
11A
None
10A
11A
None
10A
11A
None
10A
11A
mm
inch
mm
inch
mm
inch
mm
inch
5.0mm, Euro Plug, Right Angle, Mounting Ends
2
395240002
395240102
395240202
395240502
395240602
395240702
395245002
395245102
395245202
395245502
395245602
395245702
10.00
0.394
5.00
0.197
15.00
0.591
19.80
0.780
5.0mm, Euro Plug, Right Angle, Mounting Ends
3
395240003
395240103
395240203
395240503
395240603
395240703
395245003
395245103
395245203
395245503
395245603
395245703
15.00
0.591
10.00
0.394
20.00
0.787
24.80
0.976
5.0mm, Euro Plug, Right Angle, Mounting Ends
4
395240004
395240104
395240204
395240504
395240604
395240704
395245004
395245104
395245204
395245504
395245604
395245704
20.00
0.787
15.00
0.591
25.00
0.984
29.80
1.173
5.0mm, Euro Plug, Right Angle, Mounting Ends
5
395240005
395240105
395240205
395240505
395240605
395240705
395245005
395245105
395245205
395245505
395245605
395245705
25.00
0.984
20.00
0.787
30.00
1.181
34.80
1.370
5.0mm, Euro Plug, Right Angle, Mounting Ends
6
395240006
395240106
395240206
395240506
395240606
395240706
395245006
395245106
395245206
395245506
395245606
395245706
30.00
1.181
25.00
0.984
35.00
1.378
39.80
1.567
5.0mm, Euro Plug, Right Angle, Mounting Ends
7
395240007
395240107
395240207
395240507
395240607
395240707
395245007
395245107
395245207
395245507
395245607
395245707
35.00
1.378
30.00
1.181
40.00
1.575
44.80
1.764
5.0mm, Euro Plug, Right Angle, Mounting Ends
8
395240008
395240108
395240208
395240508
395240608
395240708
395245008
395245108
395245208
395245508
395245608
395245708
40.00
1.575
35.00
1.378
45.00
1.772
49.80
1.961
5.0mm, Euro Plug, Right Angle, Mounting Ends
9
395240009
395240109
395240209
395240509
395240609
395240709
395245009
395245109
395245209
395245509
395245609
395245709
45.00
1.772
40.00
1.575
50.00
1.969
54.80
2.157
5.0mm, Euro Plug, Right Angle, Mounting Ends
10
395240010
395240110
395240210
395240510
395240610
395240710
395245010
395245110
395245210
395245510
395245610
395245710
50.00
1.969
45.00
1.772
55.00
2.165
59.80
2.354
5.0mm, Euro Plug, Right Angle, Mounting Ends
11
395240011
395240111
395240211
395240511
395240611
395240711
395245011
395245111
395245211
395245511
395245611
395245711
55.00
2.165
50.00
1.969
60.00
2.362
64.80
2.551
5.0mm, Euro Plug, Right Angle, Mounting Ends
12
395240012
395240112
395240212
395240512
395240612
395240712
395245012
395245112
395245212
395245512
395245612
395245712
60.00
2.362
55.00
2.165
65.00
2.559
69.80
2.748
5.0mm, Euro Plug, Right Angle, Mounting Ends
13
395240013
395240113
395240213
395240513
395240613
395240713
395245013
395245113
395245213
395245513
395245613
395245713
65.00
2.559
60.00
2.362
70.00
2.756
74.80
2.945
5.0mm, Euro Plug, Right Angle, Mounting Ends
14
395240014
395240114
395240214
395240514
395240614
395240714
395245014
395245114
395245214
395245514
395245614
395245714
70.00
2.756
65.00
2.559
75.00
2.953
79.80
3.142
5.0mm, Euro Plug, Right Angle, Mounting Ends
15
395240015
395240115
395240215
395240515
395240615
395240715
395245015
395245115
395245215
395245515
395245615
395245715
75.00
2.953
70.00
2.756
80.00
3.150
84.80
3.339
5.0mm, Euro Plug, Right Angle, Mounting Ends
16
395240016
395240116
395240216
395240516
395240616
395240716
395245016
395245116
395245216
395245516
395245616
395245716
80.00
3.150
75.00
2.953
85.00
3.346
89.80
3.535
5.0mm, Euro Plug, Right Angle, Mounting Ends
17
395240017
395240117
395240217
395240517
395240617
395240717
395245017
395245117
395245217
395245517
395245617
395245717
85.00
3.346
80.00
3.150
90.00
3.543
94.80
3.732
5.0mm, Euro Plug, Right Angle, Mounting Ends
18
395240018
395240118
395240218
395240518
395240618
395240718
395245018
395245118
395245218
395245518
395245618
395245718
90.00
3.543
85.00
3.346
95.00
3.740
99.80
3.929
5.0mm, Euro Plug, Right Angle, Mounting Ends
19
395240019
395240119
395240219
395240519
395240619
395240719
395245019
395245119
395245219
395245519
395245619
395245719
95.00
3.740
90.00
3.543
100.00
3.937
104.80
4.126
5.0mm, Euro Plug, Right Angle, Mounting Ends
20
395240020
395240120
395240220
395240520
395240620
395240720
395245020
395245120
395245220
395245520
395245620
395245720
100.00
3.937
95.00
3.740
105.00
4.134
109.80
4.323
5.0mm, Euro Plug, Right Angle, Mounting Ends
21
395240021
395240121
395240221
395240521
395240621
395240721
395245021
395245121
395245221
395245521
395245621
395245721
105.00
4.134
100.00
3.937
110.00
4.331
114.80
4.520
5.0mm, Euro Plug, Right Angle, Mounting Ends
22
395240022
395240122
395240222
395240522
395240622
395240722
395245022
395245122
395245222
395245522
395245622
395245722
110.00
4.331
105.00
4.134
115.00
4.528
119.80
4.717
5.0mm, Euro Plug, Right Angle, Mounting Ends
23
395240023
395240123
395240223
395240523
395240623
395240723
395245023
395245123
395245223
395245523
395245623
395245723
115.00
4.528
110.00
4.331
120.00
4.724
124.80
4.913
5.0mm, Euro Plug, Right Angle, Mounting Ends
24
395240024
395240124
395240224
395240524
395240624
395240724
395245024
395245124
395245224
395245524
395245624
395245724
120.00
4.724
115.00
4.528
125.00
4.921
129.80
5.110


Similar Part No. - 395240005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395240002 MOLEX5-395240002 Datasheet
236Kb / 5P
   5.00mm (.197") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 2 Circuits
395240003 MOLEX5-395240003 Datasheet
143Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 3 Circuits
395240004 MOLEX5-395240004 Datasheet
143Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 4 Circuits
395240006 MOLEX5-395240006 Datasheet
143Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 6 Circuits
395240008 MOLEX5-395240008 Datasheet
143Kb / 3P
   5.00mm (.197") Pitch Eurostyle??Horizontal Plug, with Retention Screws, 8 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com