Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S560432B Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4S560432B
Description  256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S560432B Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4S560432B Datasheet HTML 2Page - Samsung semiconductor K4S560432B Datasheet HTML 3Page - Samsung semiconductor K4S560432B Datasheet HTML 4Page - Samsung semiconductor K4S560432B Datasheet HTML 5Page - Samsung semiconductor K4S560432B Datasheet HTML 6Page - Samsung semiconductor K4S560432B Datasheet HTML 7Page - Samsung semiconductor K4S560432B Datasheet HTML 8Page - Samsung semiconductor K4S560432B Datasheet HTML 9Page - Samsung semiconductor K4S560432B Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
K4S560432B
CMOS SDRAM
Rev. 0.2 May.2000
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit
Note
-75
-1H
-1L
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
120
110
110
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
VIL(max), tCC = 10ns
2
mA
ICC2PS
CKE & CLK
VIL(max), tCC = ∞
2
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
16
mA
ICC2NS
CKE
≥ VIH(min), CLK
VIL(max), tCC = ∞
Input signals are stable
14
Active standby current in
power-down mode
ICC3P
CKE
VIL(max), tCC = 10ns
6
mA
ICC3PS
CKE & CLK
VIL(max), tCC = ∞
6
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
30
mA
ICC3NS
CKE
≥ VIH(min), CLK
VIL(max), tCC = ∞
Input signals are stable
25
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4banks Activated
tCCD = 2CLKs
140
115
115
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
220
210
210
mA
2
Self refresh current
ICC6
CKE
0.2V
C
3
mA
3
L
2
mA
4
1. Measured with outputs open.
2. Refresh period is 64ms.
3. K4S560432B-TC**
4. K4S560432B-TL**
5. Unless otherwise noticed, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ).
Notes :


Similar Part No. - K4S560432B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L1H SAMSUNG-K4S560432A-TC/L1H Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L1L SAMSUNG-K4S560432A-TC/L1L Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L75 SAMSUNG-K4S560432A-TC/L75 Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L80 SAMSUNG-K4S560432A-TC/L80 Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S560432B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432D SAMSUNG-K4S560432D Datasheet
121Kb / 11P
   16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S560832A SAMSUNG-K4S560832A Datasheet
126Kb / 10P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560832C SAMSUNG-K4S560832C Datasheet
113Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S640432D SAMSUNG-K4S640432D Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432A SAMSUNG-K4S280432A Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S560832B SAMSUNG-K4S560832B Datasheet
131Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com