Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S560432B Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4S560432B
Description  256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S560432B Datasheet(HTML) 3 Page - Samsung semiconductor

  K4S560432B Datasheet HTML 1Page - Samsung semiconductor K4S560432B Datasheet HTML 2Page - Samsung semiconductor K4S560432B Datasheet HTML 3Page - Samsung semiconductor K4S560432B Datasheet HTML 4Page - Samsung semiconductor K4S560432B Datasheet HTML 5Page - Samsung semiconductor K4S560432B Datasheet HTML 6Page - Samsung semiconductor K4S560432B Datasheet HTML 7Page - Samsung semiconductor K4S560432B Datasheet HTML 8Page - Samsung semiconductor K4S560432B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
K4S560432B
CMOS SDRAM
Rev. 0.2 May.2000
The K4S560432B is 268,435,456 bits synchronous high data
rate Dynamic RAM organized as 4 x 16,785,216 words by 4 bits,
fabricated with SAMSUNG's high performance CMOS technol-
ogy. Synchronous design allows precise cycle control with the use
of system clock I/O transactions are possible on every clock cycle.
Range of operating frequencies, programmable burst length and
programmable latencies allow the same device to be useful for a
variety of high bandwidth, high performance memory system
applications.
• JEDEC standard 3.3V power supply
• LVTTL compatible with multiplexed address
• Four banks operation
• MRS cycle with address key programs
-. CAS latency (2 & 3)
-. Burst length (1, 2, 4, 8 & Full page)
-. Burst type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system
clock.
• Burst read single-bit write operation
• DQM for masking
• Auto & self refresh
• 64ms refresh period (8K cycle)
GENERAL DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
16M x 4Bit x 4 Banks Synchronous DRAM
Bank Select
Data Input Register
16M x 4
16M x 4
Column Decoder
Latency & Burst Length
Programming Register
LCKE
LRAS
LCBR
LWE
LDQM
CLK
CKE
CS
RAS
CAS
WE
DQM
LWE
LDQM
DQi
CLK
ADD
LCAS
LWCBR
16M x 4
16M x 4
Timing Register
ORDERING INFORMATION
Part No.
Max Freq.
Interface Package
K4S560432B-TC/L75
133MHz(CL=3)
LVTTL
54pin
TSOP(II)
K4S560432B-TC/L1H
100MHz(CL=2)
K4S560432B-TC/L1L
100MHz(CL=3)
* Samsung Electronics reserves the right to change products or specification without notice.


Similar Part No. - K4S560432B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L1H SAMSUNG-K4S560432A-TC/L1H Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L1L SAMSUNG-K4S560432A-TC/L1L Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L75 SAMSUNG-K4S560432A-TC/L75 Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432A-TC/L80 SAMSUNG-K4S560432A-TC/L80 Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S560432B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S560432A SAMSUNG-K4S560432A Datasheet
127Kb / 10P
   256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S560432D SAMSUNG-K4S560432D Datasheet
121Kb / 11P
   16M x 4bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S560832A SAMSUNG-K4S560832A Datasheet
126Kb / 10P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S560832C SAMSUNG-K4S560832C Datasheet
113Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S640432D SAMSUNG-K4S640432D Datasheet
128Kb / 10P
   64Mbit SDRAM 4M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432A SAMSUNG-K4S280432A Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S560832B SAMSUNG-K4S560832B Datasheet
131Kb / 11P
   256Mbit SDRAM 8M x 8bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com