Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S281632B-TL80 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4S281632B-TL80
Description  128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S281632B-TL80 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4S281632B-TL80 Datasheet HTML 2Page - Samsung semiconductor K4S281632B-TL80 Datasheet HTML 3Page - Samsung semiconductor K4S281632B-TL80 Datasheet HTML 4Page - Samsung semiconductor K4S281632B-TL80 Datasheet HTML 5Page - Samsung semiconductor K4S281632B-TL80 Datasheet HTML 6Page - Samsung semiconductor K4S281632B-TL80 Datasheet HTML 7Page - Samsung semiconductor K4S281632B-TL80 Datasheet HTML 8Page - Samsung semiconductor K4S281632B-TL80 Datasheet HTML 9Page - Samsung semiconductor K4S281632B-TL80 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
K4S281632B
Rev. 0.0 Aug. 1999
CMOS SDRAM
AC OPERATING TEST CONDITIONS (VDD = 3.3V
± 0.3V, TA = 0 to 70°C)
Parameter
Value
Unit
AC input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
3.3V
1200
870
Output
50pF
VOH (DC) = 2.4V, IOH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
Vtt = 1.4V
50
Output
50pF
Z0 = 50
(Fig. 2) AC output load circuit
(Fig. 1) DC output load circuit
OPERATING AC PARAMETER
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
5. For -80/1H/1L/10, tRDL=1CLK and tDAL=1CLK+20ns is also supported .
SAMSUNG recommends tRDL=2CLK and tDAL=2CLK + 20ns.
Notes :
(AC operating conditions unless otherwise noted)
Parameter
Symbol
Version
Unit
Note
- 75
- 80
- 1H
- 1L
-10
Row active to row active delay
tRRD(min)
15
16
20
20
20
ns
1
RAS to CAS delay
tRCD(min)
20
20
20
20
24
ns
1
Row precharge time
tRP(min)
20
20
20
20
24
ns
1
Row active time
tRAS(min)
45
48
50
50
50
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
65
68
70
70
80
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2,5
Last data in to Active delay
tDAL(min)
2 CLK + 20 ns
-
5
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
3
Number of valid output data
CAS latency=3
2
ea
4
CAS latency=2
-
1


Similar Part No. - K4S281632B-TL80

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S281632B-N SAMSUNG-K4S281632B-N Datasheet
64Kb / 8P
   2M x 16Bit x 4 Banks Synchronous DRAM in sTSOP
K4S281632B-NC/L1H SAMSUNG-K4S281632B-NC/L1H Datasheet
64Kb / 8P
   2M x 16Bit x 4 Banks Synchronous DRAM in sTSOP
K4S281632B-NC/L1L SAMSUNG-K4S281632B-NC/L1L Datasheet
64Kb / 8P
   2M x 16Bit x 4 Banks Synchronous DRAM in sTSOP
More results

Similar Description - K4S281632B-TL80

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632D SAMSUNG-K4S281632D Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432M SAMSUNG-K4S280432M Datasheet
125Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
KM48S16030A SAMSUNG-KM48S16030A Datasheet
150Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
KM48S16030B SAMSUNG-KM48S16030B Datasheet
133Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
K4S280432B SAMSUNG-K4S280432B Datasheet
109Kb / 10P
   128Mbit SDRAM 8M x 4Bit x 4 Banks Synchronous DRAM LVTTL
K4S280832C SAMSUNG-K4S280832C Datasheet
112Kb / 11P
   128Mbit SDRAM 4M x 8Bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com