Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH5RH691A-T2 Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # RH5RH691A-T2
Description  PWM STEP-UP DC/DC CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RH5RH691A-T2 Datasheet(HTML) 2 Page - RICOH electronics devices division

  RH5RH691A-T2 Datasheet HTML 1Page - RICOH electronics devices division RH5RH691A-T2 Datasheet HTML 2Page - RICOH electronics devices division RH5RH691A-T2 Datasheet HTML 3Page - RICOH electronics devices division RH5RH691A-T2 Datasheet HTML 4Page - RICOH electronics devices division RH5RH691A-T2 Datasheet HTML 5Page - RICOH electronics devices division RH5RH691A-T2 Datasheet HTML 6Page - RICOH electronics devices division RH5RH691A-T2 Datasheet HTML 7Page - RICOH electronics devices division RH5RH691A-T2 Datasheet HTML 8Page - RICOH electronics devices division RH5RH691A-T2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
PWM STEP-UP DC/DC CONVERTER
1
RH5RH
××1A/××2B/××3B SERIES
OUTLINE
The RH5RH
××1A/××2B/××3B Series are PWM Step-up DC/DC converter ICs by CMOS process.
The RH5RH
××1A IC consists of an oscillator, a PWM control circuit, a driver transistor (Lx switch), a refer-
ence voltage unit, an error amplifier, a phase compensation circuit, resistors for voltage detection, a soft-start cir-
cuit, and an Lx switch protection circuit. A low ripple, high efficiency step-up DC/DC converter can be constructed
of this RH5RH
××1A IC with only three external components, that is, an inductor, a diode and a capacitor.
These RH5RH
××1A/××2B/××3B ICs can achieve ultra-low supply current (no load) –TYP. 15µA –by a new-
ly developed PWM control circuit, equivalent to the low supply current of a VFM (chopper) Step-up DC/DC con-
verter.
Furthermore, these ICs can hold down the supply current to TYP. 2µA by stopping the operation of the oscil-
lator when the input voltage > (the output voltage set value + the dropout voltage by the diode and the inductor).
These RH5RH
××1A/××2B/××3B Series ICs are recommendable to the user who desires a low ripple PWM
DC/DC converter, but cannot adopt a conventional PWM DC/DC converter because of its too large supply current.
The RH5RH
××2B/××3B Series ICs use the same chip as that employed in the RH5RH××1A IC and are pro-
vided with a drive pin (EXT) for an external transistor. Because of the use of the drive pin (EXT), an external
transistor with a low saturation voltage can be used so that a large current can be caused to flow through the
inductor and accordingly a large output current can be obtained. Therefore, these RH5RH
××2B/××3B Series ICs
are recommendable to the user who need a current as large as several tens mA to several hundreds mA.
The RH5RH
××3B IC also includes an internal chip enable circuit so that it is possible to set the standby sup-
ply current at MAX. 0.5µA.
These RH5RH
××1A/××2B/××3B ICs are suitable for use with battery-powered instruments with low noise
and low supply current.
Small Number of External Components ..........Only an inductor, a diode and a capacitor (RH5RH
××1A)
Low Supply Current...........................................TYP. 15µA (RH5RH301A)
Low Ripple and Low Noise
Low Start-up Voltage (when the output current is 1mA) ..................MAX. 0.9V
High Output Voltage Accuracy..........................±2.5%
High Efficiency ...................................................TYP. 85%
Low Temperature-Drift Coefficient of Output Voltage ......................TYP. ±50 ppm/˚C
Soft-Start.............................................................MIN. 500µs
Small Packages...................................................SOT-89 (RH5RH
××1A, RH5RH××2B),
SOT-89-5 (RH5RH
××3B)
FEATURES
APPLICATIONS
Power source for battery-powered equipment.
Power source for cameras, camcorders, VCRs, PDAs, electronic data banks,and hand-held communication
equipment.
Power source for instruments which require low noise and low supply current, such as hand-held audio equip-
ment.
Power source for appliances which require higher cell voltage than that of batteries used in the appliances.


Similar Part No. - RH5RH691A-T2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RH5RE RICOH-RH5RE Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
RH5RE20AA RICOH-RH5RE20AA Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RH5RE20AA-RF RICOH-RH5RE20AA-RF Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RH5RE20AA-RR RICOH-RH5RE20AA-RR Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
RH5RE20AA-T1 RICOH-RH5RE20AA-T1 Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
More results

Similar Description - RH5RH691A-T2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
   PWM STEP-UP DC-DC CONVERTER
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
   STEP-UP PWM DC/DC Converter
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
   PWM Step-Up DC-DC Converter
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
   PWM Step-up DC/DC Converter
logo
Advanced Power Electron...
APE1912 A-POWER-APE1912 Datasheet
83Kb / 7P
   STEP-UP PWM DC/DC CONVERTER
logo
SHOUDING Shouding Semic...
SDB842X SHOUDING-SDB842X Datasheet
1Mb / 7P
   PWM Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
   28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
logo
ELM Technology Corporat...
ELM95-SERIES ELM-TECH-ELM95-SERIES Datasheet
1Mb / 15P
   CMOS PWM step-up DC/DC converter
logo
Unisonic Technologies
UC3551 UTC-UC3551 Datasheet
160Kb / 6P
   ADVANCED PWM STEP-UP DC-DC CONVERTER
logo
Microchip Technology
TC115 MICROCHIP-TC115_13 Datasheet
232Kb / 14P
   PFM/PWM Step-Up DC/DC Converter
10/26/12 2002-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com