Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-42892-0085 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # A-42892-0085
Description  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 7 Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

A-42892-0085 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  A-42892-0085 Datasheet HTML 1Page - Molex Electronics Ltd. A-42892-0085 Datasheet HTML 2Page - Molex Electronics Ltd. A-42892-0085 Datasheet HTML 3Page - Molex Electronics Ltd. A-42892-0085 Datasheet HTML 4Page - Molex Electronics Ltd. A-42892-0085 Datasheet HTML 5Page - Molex Electronics Ltd. A-42892-0085 Datasheet HTML 6Page - Molex Electronics Ltd. A-42892-0085 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
42892
REV:
ECR/ECN INFORMATION
SHEET No.
EC NO:
UCP2008-0727
G2
DATE
10/8/2007
TITLE:
FRICTION LOCK HDR. ASSY.
.156 BENT SQ PINS W/PEGS
RT. ANGLE MOUNT
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-42892-001
ADERR
ADERR
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-42892-0036/0052
Group
A-42892-0053/0067
Group
A-42892-0068/0079
Group
A-42892-0114/0118
Header No:
41790-0070/0086
Header No:
41790-0070/0086
Header No:
41790-0070/0086
Header No:
41790-0070/0086
Pin No:
2161-62(102)
Pin No:
2161-62(102)
Pin No:
2161-62(102)
Pin No:
2161-62(102)
Plating:
102
Plating:
102
Plating:
102
Plating:
102
Pin Length L
24.89/ .980
Pin Length L
24.89/ .980
Pin Length L
24.89/ .980
Pin Length L
24.89/ .980
Mating
M
11.43/ .450
Mating
M
11.43/ .450
Mating
M
11.43/ .450
Mating
M
11.43/ .450
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Dim. Y
2.82/ .111
Dim. Y
2.82/ .111
Dim. Y
2.82/ .111
Dim. Y
2.82/ .111
PC Tail
P
3.30/ .130
PC Tail
P
3.30/ .130
PC Tail
P
3.30/ .130
PC Tail
P
3.30/ .130
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
2
Voided Ckts
4
Voided CKts
7
Voided Ckts
2, 4, 6, 8, 10, 14
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Pack Per
PK-42492-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-62-7020
A-42892-0036
3
26-62-7030
A-42892-0037
4
26-62-7040
A-42892-0038
26-62-7041
A-42892-0053
5
26-62-7050
A-42892-0039
26-62-7051
A-42892-0054
6
26-62-7060
A-42892-0040
26-62-7061
A-42892-0055
7
26-62-7070
A-42892-0041
26-62-7071
A-42892-0056
26-62-7072
A-42892-0068
8
26-62-7080
A-42892-0042
26-62-7081
A-42892-0057
26-62-7082
A-42892-0069
9
26-62-7090
A-42892-0043
26-62-7091
A-42892-0058
26-62-7092
A-42892-0070
10
26-62-7100
A-42892-0044
26-62-7101
A-42892-0059
26-62-7102
A-42892-0071
11
26-62-7110
A-42892-0045
26-62-7111
A-42892-0060
26-62-7112
A-42892-0072
12
26-62-7120
A-42892-0046
26-62-7121
A-42892-0061
26-62-7122
A-42892-0073


Similar Part No. - A-42892-0085

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-42892-0081 MOLEX5-A-42892-0081 Datasheet
217Kb / 7P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 3 Circuits
A-42892-0086 MOLEX5-A-42892-0086 Datasheet
217Kb / 7P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 8 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
A-42892-0087 MOLEX5-A-42892-0087 Datasheet
217Kb / 7P
   3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, Friction Lock, with Snap-in Plastic Peg PCB Lock, 9 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com