Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5RZ47LA-TL Datasheet(PDF) 6 Page - RICOH electronics devices division

Part # RN5RZ47LA-TL
Description  LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RZ47LA-TL Datasheet(HTML) 6 Page - RICOH electronics devices division

Back Button RN5RZ47LA-TL Datasheet HTML 2Page - RICOH electronics devices division RN5RZ47LA-TL Datasheet HTML 3Page - RICOH electronics devices division RN5RZ47LA-TL Datasheet HTML 4Page - RICOH electronics devices division RN5RZ47LA-TL Datasheet HTML 5Page - RICOH electronics devices division RN5RZ47LA-TL Datasheet HTML 6Page - RICOH electronics devices division RN5RZ47LA-TL Datasheet HTML 7Page - RICOH electronics devices division RN5RZ47LA-TL Datasheet HTML 8Page - RICOH electronics devices division RN5RZ47LA-TL Datasheet HTML 9Page - RICOH electronics devices division RN5RZ47LA-TL Datasheet HTML 10Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
RN5RZ
3
PIN CONFIGURATION
PIN DESCRIPTION
• SOT-23-5
1
2
3
5
4
(mark side)
Pin No.
Symbol
Description
1
GND
Ground Pin
2
VDD
Input Pin
3
VOUT
Output Pin
4
NC
No Connection
5
CE or CE
Chip Enable Pin
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are threshold limit values that must not be exceeded even for an instant under
any conditions. Moreover, such values for any two items must not be reached simultaneously. Operation
above these absolute maximum ratings may cause degradation or permanent damage to the device. These
are stress ratings only and do not necessarily imply functional operation below these limits.
Symbol
Item
Ratings
Unit
VIN
Input Voltage
9
V
VCE
Input Voltage (CE or CE Pin)
–0.3 to VIN +0.3
V
VOUT
Output Voltage
–0.3 to VIN +0.3
V
IOUT
Output Current
200
mA
PD
Power Dissipation
250
mW
Topt
Operating Temperature
–40 to +85
˚C
Tstg
Storage Temperature
–55 to +125
˚C


Similar Part No. - RN5RZ47LA-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RZ40AA-TR-FE RICOH-RN5RZ40AA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ40BA-TR-FE RICOH-RN5RZ40BA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ40CA-TR-FE RICOH-RN5RZ40CA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ45AA-TR-FE RICOH-RN5RZ45AA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ45BA-TR-FE RICOH-RN5RZ45BA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
More results

Similar Description - RN5RZ47LA-TL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
Unisonic Technologies
LD1985 UTC-LD1985_11 Datasheet
245Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com