Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0366330040 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0366330040
Description  4.20mm (.165") Mini-Fit Jr.??Header, Right Angle, Nylon, without Mounting Flange, 2 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0366330040 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0366330040 Datasheet HTML 1Page - Molex Electronics Ltd. 0366330040 Datasheet HTML 2Page - Molex Electronics Ltd. 0366330040 Datasheet HTML 3Page - Molex Electronics Ltd. 0366330040 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
600V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-87427-001
Sales Drawing
SD-87427-**0*
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0366330040

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0366330041 MOLEX5-0366330041 Datasheet
256Kb / 4P
   4.20mm (.165") Mini-Fit Jr.??Header, Right Angle, Nylon, without Mounting Flange, 6 Circuits
0366330042 MOLEX5-0366330042 Datasheet
256Kb / 4P
   4.20mm (.165") Mini-Fit Jr.??Header, Right Angle, Nylon, without Mounting Flange, 8 Circuits
0366330043 MOLEX5-0366330043 Datasheet
256Kb / 4P
   4.20mm (.165") Mini-Fit Jr.??Header, Right Angle, Nylon, without Mounting Flange, 14 Circuits
0366330044 MOLEX5-0366330044 Datasheet
256Kb / 4P
   4.20mm (.165") Mini-Fit Jr.??Header, Right Angle, Nylon, without Mounting Flange, 44 Circuits
0366330045 MOLEX5-0366330045 Datasheet
256Kb / 4P
   4.20mm (.165") Mini-Fit Jr.??Header, Right Angle, Nylon, without Mounting Flange, 45 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com