Electronic Components Datasheet Search |
|
K4S281632D-L1L Datasheet(PDF) 3 Page - Samsung semiconductor |
|
K4S281632D-L1L Datasheet(HTML) 3 Page - Samsung semiconductor |
3 / 11 page CMOS SDRAM K4S281632D Rev. 0.1 Sept. 2001 The K4S281632D is 134,217,728 bits synchronous high data rate Dynamic RAM organized as 4 x 2,097,152 words by 16 bits, fabricated with SAMSUNG ′s high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock I/O transactions are possible on every clock cycle. Range of operating frequencies, programma- ble burst length and programmable latencies allow the same device to be useful for a variety of high bandwidth, high perfor- mance memory system applications. • JEDEC standard 3.3V power supply • LVTTL compatible with multiplexed address • Four banks operation • MRS cycle with address key programs -. CAS latency (2 & 3) -. Burst length (1, 2, 4, 8 & Full page) -. Burst type (Sequential & Interleave) • All inputs are sampled at the positive going edge of the system clock. • Burst read single-bit write operation • DQM for masking • Auto & self refresh • 64ms refresh period (4K cycle) GENERAL DESCRIPTION FEATURES FUNCTIONAL BLOCK DIAGRAM 2M x 16Bit x 4 Banks Synchronous DRAM Bank Select Data Input Register 2M x 16 2M x 16 Column Decoder Latency & Burst Length Programming Register LCKE LRAS LCBR LWE LDQM CLK CKE CS RAS CAS WE LDQM LWE LDQM DQi CLK ADD LCAS LWCBR 2M x 16 2M x 16 Timing Register UDQM * Samsung Electronics reserves the right to change products or specification without notice. ORDERING INFORMATION Part No. Max Freq. Interface Package K4S281632D-TC/L55 183MHz(CL=3) LVTTL 54 TSOP(II) K4S281632D-TC/L60 166MHz(CL=3) K4S281632D-TC/L7C 133MHz(CL=2) K4S281632D-TC/L75 133MHz(CL=3) K4S281632D-TC/L1H 100MHz(CL=2) K4S281632D-TC/L1L 100MHz(CL=3) |
Similar Part No. - K4S281632D-L1L |
|
Similar Description - K4S281632D-L1L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |