Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K5P2880YCM Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K5P2880YCM
Description  Multi-Chip Package MEMORY 128M Bit 16Mx8 Nand Flash Memory / 8M Bit 1Mx8/512Kx16 Full CMOS SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K5P2880YCM Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K5P2880YCM Datasheet HTML 3Page - Samsung semiconductor K5P2880YCM Datasheet HTML 4Page - Samsung semiconductor K5P2880YCM Datasheet HTML 5Page - Samsung semiconductor K5P2880YCM Datasheet HTML 6Page - Samsung semiconductor K5P2880YCM Datasheet HTML 7Page - Samsung semiconductor K5P2880YCM Datasheet HTML 8Page - Samsung semiconductor K5P2880YCM Datasheet HTML 9Page - Samsung semiconductor K5P2880YCM Datasheet HTML 10Page - Samsung semiconductor K5P2880YCM Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
K5P2880YCM - T085
Revision 0.0
June. 2001
- 7 -
PAGE PROGRAM
The device is programmed basically on a page basis, but it does allow multiple partial page programming of a byte or consecutive
bytes up to 528, in a single page program cycle. The number of consecutive partial page programming operation within the same
page without an intervening erase operation should not exceed 2 for main array and 3 for spare array. The addressing may be done
in any random order in a block. A page program cycle consists of a serial data loading period in which up to 528 bytes of data may be
loaded into the page register, followed by a non-volatile programming period where the loaded data is programmed into the appropri-
ate cell. Serial data loading can be started from 2nd half array by moving pointer. About the pointer operation, please refer to the
attached technical notes.
The serial data loading period begins by inputting the Serial Data Input command(80h), followed by the three cycle address input and
then serial data loading. The bytes other than those to be programmed do not need to be loaded.The Page Program confirm com-
mand(10h) initiates the programming process. Writing 10h alone without previously entering the serial data will not initiate the pro-
gramming process. The internal write state-control automatically executes the algorithms and timings necessary for program and
verify, thereby freeing the CPU for other tasks. Once the program process starts, the Read Status Register command may be
entered, with RE and CE low, to read the status register. The CPU can detect the completion of a program cycle by monitoring the
R/B output, or the Status bit(I/O 6) of the Status Register. Only the Read Status command and Reset command are valid while pro-
gramming is in progress. When the Page Program is complete, the Write Status Bit(I/O 0) may be checked(Figure 5). The internal
write verify detects only errors for "1"s that are not successfully programmed to "0"s. The command register remains in Read Status
command mode until another valid command is written to the command register.
Figure 5. Program & Read Status Operation
80h
A0 ~ A7 & A9 ~ A23
I/O0 ~ 7
R/B
Address & Data Input
I/O0
Pass
528 Byte Data
10h
70h
Fail
tPROG
Figure 4. Read2 Operation
50h
A0 ~ A3 & A9 ~ A23
Data Output(Sequential)
Spare Field
CE
CLE
ALE
R/B
WE
1st half array
2nd half array
Data Field
Spare Field
Start Add.(3Cycle)
(A4 ~ A7 :
Don't Care)
I/O0 ~ 7
RE
tR


Similar Description - K5P2880YCM

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
logo
Samsung semiconductor
KM23V8105D SAMSUNG-KM23V8105D Datasheet
91Kb / 5P
   8M-Bit (1Mx8 /512Kx16) CMOS MASK ROM
logo
ELAN Microelectronics C...
EM39LV800 EMC-EM39LV800 Datasheet
295Kb / 25P
   8M Bits (512Kx16) Flash Memory
logo
Samsung semiconductor
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
logo
ELAN Microelectronics C...
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
   8M Bits (1Mx8) Flash Memory
logo
Samsung semiconductor
K9F6408Q0C SAMSUNG-K9F6408Q0C Datasheet
499Kb / 29P
   8M x 8 Bit Bit NAND Flash Memory
K9K1G08U0M-YCB0 SAMSUNG-K9K1G08U0M-YCB0 Datasheet
467Kb / 37P
   128M x 8 Bit NAND Flash Memory
logo
SPANSION
MBM29BS12DH15 SPANSION-MBM29BS12DH15 Datasheet
1Mb / 84P
   BURST MODE FLASH MEMORY CMOS 128M (8M X 16) BIT
logo
Samsung semiconductor
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com