Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S643232E-TC55 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4S643232E-TC55
Description  2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S643232E-TC55 Datasheet(HTML) 4 Page - Samsung semiconductor

  K4S643232E-TC55 Datasheet HTML 1Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 2Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 3Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 4Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 5Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 6Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 7Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 8Page - Samsung semiconductor K4S643232E-TC55 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
K4S643232E
CMOS SDRAM
- 4 -
Rev. 1.3 (Oct. 2001)
PIN CONFIGURATION (Top view)
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
N.C
VDD
DQM0
WE
CAS
RAS
CS
N.C
BA0
BA1
A10/AP
A0
A1
A2
DQM2
VDD
N.C
DQ16
VSSQ
DQ17
DQ18
VDDQ
DQ19
DQ20
VSSQ
DQ21
DQ22
VDDQ
DQ23
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
N.C
VSS
DQM1
N.C
N.C
CLK
CKE
A9
A8
A7
A6
A5
A4
A3
DQM3
VSS
N.C
DQ31
VDDQ
DQ30
DQ29
VSSQ
DQ28
DQ27
VDDQ
DQ26
DQ25
VSSQ
DQ24
VSS
86Pin TSOP (II)
(400mil x 875mil)
(0.5 mm Pin pitch)


Similar Part No. - K4S643232E-TC55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232E-TE50 SAMSUNG-K4S643232E-TE50 Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232E-TE60 SAMSUNG-K4S643232E-TE60 Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232E-TE70 SAMSUNG-K4S643232E-TE70 Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E-TI60 SAMSUNG-K4S643232E-TI60 Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S643232E-TC55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
KM432S2030C SAMSUNG-KM432S2030C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E- SAMSUNG-K4S643232E- Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
logo
Taiwan Memory Technolog...
T436432B TMT-T436432B Datasheet
707Kb / 72P
   2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V653220BTC HYNIX-HY57V653220BTC Datasheet
154Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com