Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41791-0840 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # A-41791-0840
Description  3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 10 Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

A-41791-0840 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button A-41791-0840 Datasheet HTML 3Page - Molex Electronics Ltd. A-41791-0840 Datasheet HTML 4Page - Molex Electronics Ltd. A-41791-0840 Datasheet HTML 5Page - Molex Electronics Ltd. A-41791-0840 Datasheet HTML 6Page - Molex Electronics Ltd. A-41791-0840 Datasheet HTML 7Page - Molex Electronics Ltd. A-41791-0840 Datasheet HTML 8Page - Molex Electronics Ltd. A-41791-0840 Datasheet HTML 9Page - Molex Electronics Ltd. A-41791-0840 Datasheet HTML 10Page - Molex Electronics Ltd. A-41791-0840 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
41791
REV:
ECR/ECN INFORMATION
SHEET No.
EC NO.:
UCP2010-1453
P16
DATE:
2/2/2010
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK VERTICAL
SOLID BODY W/O PEGS
- 9 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41791
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41791-1120
Group
A-41791-1134
Group
A-41791-1150
Group
Header No:
41790-0006
Header No:
41790-0004
Header No:
41790-0005
Header No:
Pin No:
2161-94(154)
Pin No:
2161-94(154)
Pin No:
43294-0210
Pin No:
Plating:
154 – TIN
Plating:
154 – TIN
Plating:
228 – 30 GOLD
Plating:
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Pin Length L
18.29/. 720
Pin Length L
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43/. 450
Mating
M
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
6.85/. 270
Gold Loc G
PC Tail
P
3.56 / .140
PC Tail
P
3.56 / .140
PC Tail
P
3.56/. 140
PC Tail
P
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
4.06/. 160
Tin Loc
T
Voided Ckts
2, 5
Voided Ckts
2, 3
Voided Ckts
2, 4
Voided Ckts
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Pack Per
PK-41791-001
Pack Per
Ckts
Item Number
Item Number
Item Number
Item Number
2
3
4
41791-1134
5
41791-1150
6
41791-1120
7
8
9
10
11
12
13
14
15
16
17
18


Similar Part No. - A-41791-0840

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41791-0841 MOLEX5-A-41791-0841 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 11 Circuits
A-41791-0842 MOLEX5-A-41791-0842 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 12 Circuits
A-41791-0843 MOLEX5-A-41791-0843 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 13 Circuits
A-41791-0844 MOLEX5-A-41791-0844 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 14 Circuits
A-41791-0845 MOLEX5-A-41791-0845 Datasheet
301Kb / 11P
   3.96mm (.156") Pitch KK짰 Solid Header, Vertical, Friction Lock, 15 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com