Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0424109224 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0424109224
Description  Modular Jack, Vertical, 8/2, Keyed, Panel Stops
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0424109224 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0424109224 Datasheet HTML 1Page - Molex Electronics Ltd. 0424109224 Datasheet HTML 2Page - Molex Electronics Ltd. 0424109224 Datasheet HTML 3Page - Molex Electronics Ltd. 0424109224 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0424109224
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Vertical, 8/2, Keyed, Panel Stops
Documents:
3D Model
Product Specification PS-42410 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
42410
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
N/A
Keying to Mating Part
Yes
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Orientation
Vertical (Top Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Panel Mount
With Flange
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Ports
1
Positions / Loaded Contacts
8/2
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42410Series


Similar Part No. - 0424109224

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0424109226 MOLEX5-0424109226 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/2, Keyed
More results

Similar Description - 0424109224

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0424109416 MOLEX5-0424109416 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/2, Keyed, Panel Stops
0424108360 MOLEX5-0424108360 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/8, Keyed, Panel Stops
0424108936 MOLEX5-0424108936 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/4, Keyed, Panel Stops
0424108840 MOLEX5-0424108840 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/6, Keyed, Panel Stops
0424109128 MOLEX5-0424109128 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/4, Keyed, Panel Stops
0424108552 MOLEX5-0424108552 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/8 with Panel Stops, Keyed
0424108648 MOLEX5-0424108648 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/6, Keyed, Panel Stops
0428789320 MOLEX5-0428789320 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/2, Keyed, Panel Stops
0428789416 MOLEX5-0428789416 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/2, Keyed, Panel Stops
0428788552 MOLEX5-0428788552 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/8, Keyed, Panel Stops
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com