Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395360006 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 395360006
Description  5.08mm (.200") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 6 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395360006 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  395360006 Datasheet HTML 1Page - Molex Electronics Ltd. 395360006 Datasheet HTML 2Page - Molex Electronics Ltd. 395360006 Datasheet HTML 3Page - Molex Electronics Ltd. 395360006 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Dim. C
Description
Circuit
size
None
10A
11A
None
10A
11A
None
10A
11A
None
10A
11A
mm
inch
mm
inch
mm
inch
5.08mm, Euro Header, Right Angle, Mounting Ends
2
395360002
395360102
395360202
395360502
395360602
395360702
395365002
395365102
395365202
395365502
395365602
395365702
20.32
0.800
5.08
0.200
15.24
0.600
5.08mm, Euro Header, Right Angle, Mounting Ends
3
395360003
395360103
395360203
395360503
395360603
395360703
395365003
395365103
395365203
395365503
395365603
395365703
25.40
1.000
10.16
0.400
20.32
0.800
5.08mm, Euro Header, Right Angle, Mounting Ends
4
395360004
395360104
395360204
395360504
395360604
395360704
395365004
395365104
395365204
395365504
395365604
395365704
30.48
1.200
15.24
0.600
25.40
1.000
5.08mm, Euro Header, Right Angle, Mounting Ends
5
395360005
395360105
395360205
395360505
395360605
395360705
395365005
395365105
395365205
395365505
395365605
395365705
35.56
1.400
20.32
0.800
30.48
1.200
5.08mm, Euro Header, Right Angle, Mounting Ends
6
395360006
395360106
395360206
395360506
395360606
395360706
395365006
395365106
395365206
395365506
395365606
395365706
40.64
1.600
25.40
1.000
35.56
1.400
5.08mm, Euro Header, Right Angle, Mounting Ends
7
395360007
395360107
395360207
395360507
395360607
395360707
395365007
395365107
395365207
395365507
395365607
395365707
45.72
1.800
30.48
1.200
40.64
1.600
5.08mm, Euro Header, Right Angle, Mounting Ends
8
395360008
395360108
395360208
395360508
395360608
395360708
395365008
395365108
395365208
395365508
395365608
395365708
50.80
2.000
35.56
1.400
45.72
1.800
5.08mm, Euro Header, Right Angle, Mounting Ends
9
395360009
395360109
395360209
395360509
395360609
395360709
395365009
395365109
395365209
395365509
395365609
395365709
55.88
2.200
40.64
1.600
50.80
2.000
5.08mm, Euro Header, Right Angle, Mounting Ends
10
395360010
395360110
395360210
395360510
395360610
395360710
395365010
395365110
395365210
395365510
395365610
395365710
60.96
2.400
45.72
1.800
55.88
2.200
5.08mm, Euro Header, Right Angle, Mounting Ends
11
395360011
395360111
395360211
395360511
395360611
395360711
395365011
395365111
395365211
395365511
395365611
395365711
66.04
2.600
50.80
2.000
60.96
2.400
5.08mm, Euro Header, Right Angle, Mounting Ends
12
395360012
395360112
395360212
395360512
395360612
395360712
395365012
395365112
395365212
395365512
395365612
395365712
71.12
2.800
55.88
2.200
66.04
2.600
5.08mm, Euro Header, Right Angle, Mounting Ends
13
395360013
395360113
395360213
395360513
395360613
395360713
395365013
395365113
395365213
395365513
395365613
395365713
76.20
3.000
60.96
2.400
71.12
2.800
5.08mm, Euro Header, Right Angle, Mounting Ends
14
395360014
395360114
395360214
395360514
395360614
395360714
395365014
395365114
395365214
395365514
395365614
395365714
81.28
3.200
66.04
2.600
76.20
3.000
5.08mm, Euro Header, Right Angle, Mounting Ends
15
395360015
395360115
395360215
395360515
395360615
395360715
395365015
395365115
395365215
395365515
395365615
395365715
86.36
3.400
71.12
2.800
81.28
3.200
5.08mm, Euro Header, Right Angle, Mounting Ends
16
395360016
395360116
395360216
395360516
395360616
395360716
395365016
395365116
395365216
395365516
395365616
395365716
91.44
3.600
76.20
3.000
86.36
3.400
5.08mm, Euro Header, Right Angle, Mounting Ends
17
395360017
395360117
395360217
395360517
395360617
395360717
395365017
395365117
395365217
395365517
395365617
395365717
96.52
3.800
81.28
3.200
91.44
3.600
5.08mm, Euro Header, Right Angle, Mounting Ends
18
395360018
395360118
395360218
395360518
395360618
395360718
395365018
395365118
395365218
395365518
395365618
395365718 101.60 4.000
86.36
3.400
96.52
3.800
5.08mm, Euro Header, Right Angle, Mounting Ends
19
395360019
395360119
395360219
395360519
395360619
395360719
395365019
395365119
395365219
395365519
395365619
395365719 106.68 4.200
91.44
3.600 101.60 4.000
5.08mm, Euro Header, Right Angle, Mounting Ends
20
395360020
395360120
395360220
395360520
395360620
395360720
395365020
395365120
395365220
395365520
395365620
395365720 111.76 4.400
96.52
3.800 106.68 4.200
5.08mm, Euro Header, Right Angle, Mounting Ends
21
395360021
395360121
395360221
395360521
395360621
395360721
395365021
395365121
395365221
395365521
395365621
395365721 116.84 4.600 101.60 4.000 111.76 4.400
5.08mm, Euro Header, Right Angle, Mounting Ends
22
395360022
395360122
395360222
395360522
395360622
395360722
395365022
395365122
395365222
395365522
395365622
395365722 121.92 4.800 106.68 4.200 116.84 4.600
5.08mm, Euro Header, Right Angle, Mounting Ends
23
395360023
395360123
395360223
395360523
395360623
395360723
395365023
395365123
395365223
395365523
395365623
395365723 127.00 5.000 111.76 4.400 121.92 4.800
5.08mm, Euro Header, Right Angle, Mounting Ends
24
395360024
395360124
395360224
395360524
395360624
395360724
395365024
395365124
395365224
395365524
395365624
395365724 132.08 5.200 116.84 4.600 127.00 5.000


Similar Part No. - 395360006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395360002 MOLEX5-395360002 Datasheet
176Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 2 Circuits
395360003 MOLEX5-395360003 Datasheet
208Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 3 Circuits
395360004 MOLEX5-395360004 Datasheet
208Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 4 Circuits
395360005 MOLEX5-395360005 Datasheet
208Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 5 Circuits
395360007 MOLEX5-395360007 Datasheet
208Kb / 4P
   5.08mm (.200") Pitch Eurostyle??Horizontal PCB Header, with Threaded Retention Inserts, 7 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com