Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T0808C1D-DL55 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K6T0808C1D-DL55
Description  32Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T0808C1D-DL55 Datasheet(HTML) 5 Page - Samsung semiconductor

  K6T0808C1D-DL55 Datasheet HTML 1Page - Samsung semiconductor K6T0808C1D-DL55 Datasheet HTML 2Page - Samsung semiconductor K6T0808C1D-DL55 Datasheet HTML 3Page - Samsung semiconductor K6T0808C1D-DL55 Datasheet HTML 4Page - Samsung semiconductor K6T0808C1D-DL55 Datasheet HTML 5Page - Samsung semiconductor K6T0808C1D-DL55 Datasheet HTML 6Page - Samsung semiconductor K6T0808C1D-DL55 Datasheet HTML 7Page - Samsung semiconductor K6T0808C1D-DL55 Datasheet HTML 8Page - Samsung semiconductor K6T0808C1D-DL55 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
K6T0808C1D Family
CMOS SRAM
Revision 1.0
November 1997
CL1)
1. Including scope and jig capacitance
AC OPERATING CONDITIONS
TEST CONDITIONS (Test Load and Test Input/Output Reference)
Input pulse level : 0.8 to 2.4V
Input rising and falling time : 5ns
Input and output reference voltage : 1.5V
Output load (See right) :CL=100pF+1TTL
CL=50pF+1TTL
AC CHARACTERISTICS (Vcc=4.5~5.5V, K6T0808C1D-L Family:TA=0 to 70
°C, K6T0808C1D-P Family:TA=-40 to 85°C)
1. The parameter is tested with 50pF test load.
Parameter List
Symbol
Speed Bins
Units
551)ns
70ns
Min
Max
Min
Max
Read
Read cycle time
tRC
55
-
70
-
ns
Address access time
tAA
-
55
-
70
ns
Chip select to output
tCO
-
55
-
70
ns
Output enable to valid output
tOE
-
25
-
35
ns
Chip select to low-Z output
tLZ
10
-
10
-
ns
Output enable to low-Z output
tOLZ
5
-
5
-
ns
Chip disable to high-Z output
tHZ
0
20
0
30
ns
Output disable to high-Z output
tOHZ
0
20
0
30
ns
Output hold from address change
tOH
10
-
10
-
ns
Write
Write cycle time
tWC
55
-
70
-
ns
Chip select to end of write
tCW
45
-
60
-
ns
Address set-up time
tAS
0
-
0
-
ns
Address valid to end of write
tAW
45
-
60
-
ns
Write pulse width
tWP
40
-
50
-
ns
Write recovery time
tWR
0
-
0
-
ns
Write to output high-Z
tWHZ
0
20
0
25
ns
Data to write time overlap
tDW
25
-
30
-
ns
Data hold from write time
tDH
0
-
0
-
ns
End write to output low-Z
tOW
5
-
5
-
ns
DATA RETENTION CHARACTERISTICS
Item
Symbol
Test Condition
Min
Typ
Max
Unit
Vcc for data retention
VDR
CS
≥Vcc-0.2V
2.0
-
5.5
V
Data retention current
IDR
Vcc=3.0V, CS
≥Vcc-0.2V
L-Ver
-
1
15
µA
LL-Ver
-
0.2
3
Data retention set-up time
tSDR
See data retention waveform
0
-
-
ms
Recovery time
tRDR
5
-
-


Similar Part No. - K6T0808C1D-DL55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-B SAMSUNG-K6T1008C2C-B Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB55 SAMSUNG-K6T1008C2C-DB55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB70 SAMSUNG-K6T1008C2C-DB70 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DL55 SAMSUNG-K6T1008C2C-DL55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T0808C1D-DL55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com