Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T4008U1C-B Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6T4008U1C-B
Description  512Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T4008U1C-B Datasheet(HTML) 1 Page - Samsung semiconductor

  K6T4008U1C-B Datasheet HTML 1Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 2Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 3Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 4Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 5Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 6Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 7Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 8Page - Samsung semiconductor K6T4008U1C-B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
K6T4008V1C, K6T4008U1C Family
CMOS SRAM
Revision 1.0
January 1999
1
Document Title
512Kx8 bit Low Power and Low Voltage CMOS Static RAM
Revision History
Revision No.
0.0
0.1
0.11
1.0
Remark
Advance
Preliminary
Final
History
Initial Draft
Revisied
- Speed bin change
KM68U4000C : 85/100ns
→ 70/85/100ns
- DC Characteristics change
ICC : 5mA at read/write
→ 4mA at read
ICC1 : 3mA
→ 4mA
ICC2 : 35mA
→ 30mA
ISB : 0.5mA
→ 0.3mA
ISB1 : 10
µA → 15µA for commercial parts
- Add 32-TSOP1-0820
Errata correct
- 32-TSOP1-0813 products: T
→ TG
Finalize
Draft Data
January 13, 1998
June 12, 1998
November 7, 1998
January 15, 1999
The attached datasheets are provided by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the specifications and
products. SAMSUNG Electronics will answer to your questions about device. If you have any questions, please contact the SAMSUNG branch offices.


Similar Part No. - K6T4008U1C-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4008C SAMSUNG-K6T4008C Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C SAMSUNG-K6T4008C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-B SAMSUNG-K6T4008C1B-B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-DB55 SAMSUNG-K6T4008C1B-DB55 Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T4008U1C-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com