Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F1208U0M-YCB0 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K9F1208U0M-YCB0
Description  64M x 8 Bit NAND Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1208U0M-YCB0 Datasheet(HTML) 2 Page - Samsung semiconductor

  K9F1208U0M-YCB0 Datasheet HTML 1Page - Samsung semiconductor K9F1208U0M-YCB0 Datasheet HTML 2Page - Samsung semiconductor K9F1208U0M-YCB0 Datasheet HTML 3Page - Samsung semiconductor K9F1208U0M-YCB0 Datasheet HTML 4Page - Samsung semiconductor K9F1208U0M-YCB0 Datasheet HTML 5Page - Samsung semiconductor K9F1208U0M-YCB0 Datasheet HTML 6Page - Samsung semiconductor K9F1208U0M-YCB0 Datasheet HTML 7Page - Samsung semiconductor K9F1208U0M-YCB0 Datasheet HTML 8Page - Samsung semiconductor K9F1208U0M-YCB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
K9F1208U0M-YCB0, K9F1208U0M-YIB0
FLASH MEMORY
2
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the
right to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you
have any questions, please contact the SAMSUNG branch office near your office.
Revision History
Revision No
Remark
History
Draft Date
CE
CLE
I/O0~7
ALE
RE
WE
90h
00h
ECh
Address. 1cycle
Maker code
tCEA
tAR1
tREA
tWHR
CE
CLE
I/O0~7
ALE
RE
WE
90h
00h
ECh
Address. 1cycle
Maker code
tCR
tAR1
tREA
CE
WE
CLE
RE
I/O0~7
70h
Status Output
tCLS
tCLH
tCS
tWP
tCH
tDS
tDH
tRSTO
tIR
tRHZ*
tCHZ*
tWHR
tCSTO
tCLS
CE
WE
CLE
RE
I/O0~7
70h
Status Output
tCLS
tCLH
tCS
tWP
tCH
tDS
tDH
tREA
tIR
tRHZ*
tCHZ*
tWHR
tCEA
tCLS


Similar Part No. - K9F1208U0M-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208U0A SAMSUNG-K9F1208U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A SAMSUNG-K9F1208U0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A-F SAMSUNG-K9F1208U0A-F Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A-P SAMSUNG-K9F1208U0A-P Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208U0A-V SAMSUNG-K9F1208U0A-V Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F1208U0M-YCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9K1208U0M SAMSUNG-K9K1208U0M Datasheet
354Kb / 26P
   64M x 8 Bit NAND Flash Memory
K9K1208U0A-YCB0 SAMSUNG-K9K1208U0A-YCB0 Datasheet
357Kb / 27P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com