Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F1608W0A- Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K9F1608W0A-
Description  2M x 8 Bit NAND Flash Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1608W0A- Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K9F1608W0A- Datasheet HTML 4Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 5Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 6Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 7Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 8Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 9Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 10Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 11Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
K9F1608W0A-TCB0, K9F1608W0A-TIB0
FLASH MEMORY
8
AC Characteristics for Operation
NOTE : 1. If CE goes high within 30ns after the rising edge of the last RE, R/B will not return to VOL.
2. The time to Ready depends on the value of the pull-up resistor tied R/B pin.
3. To break the sequential read cycle, CE must be held high for longer time than tCEH.
Parameter
Symbol
Min
Max
Unit
Data Transfer from Cell to Register
tR
-
10
µs
ALE to RE Delay
tAR
150
-
ns
ALE to RE Delay(read ID)
tAR1
200
-
ns
CE to RE Delay( ID read)
tCR
200
-
ns
Ready to RE Low
tRR
20
-
ns
WE High to Busy
tWB
-
200
ns
Read Cycle Time
tRC
80
-
ns
RE Access Time
tREA
-
45
ns
RE High to Output Hi-Z
tRHZ
5
20
ns
CE High to Output Hi-Z
tCHZ
-
30
ns
RE High Hold Time
tREH
20
-
ns
Output Hi-Z to RE Low
tIR
0
-
ns
Last RE High to Busy(at sequential read)
tRB
-
200
ns
CE High to Ready(in case of interception by CE at read)(1)
tCRY
-
100+tr(R/B)(2)
ns
CE High Hold Time(at the last serial read)(3)
tCEH
250
-
ns
RE Low to Status Output
tRSTO
-
45
ns
CE Low to Status Output
tCSTO
-
55
ns
RE High to WE Low
tRHW
0
-
ns
WE High to RE Low
tWHR
50
-
ns
Device Resetting Time(Read/Program/Erase)
tRST
-
5/10/500
µs
AC Timing Characteristics for Command / Address / Data Input
Parameter
Symbol
Min
Max
Unit
CLE Set-up Time
tCLS
20
-
ns
CLE Hold Time
tCLH
40
-
ns
CE Setup Time
tCS
20
-
ns
CE Hold Time
tCH
40
-
ns
WE Pulse Width
tWP
40
-
ns
ALE Setup Time
tALS
20
-
ns
ALE Hold Time
tALH
40
-
ns
Data Setup Time
tDS
30
-
ns
Data Hold Time
tDH
20
-
ns
Write Cycle Time
tWC
80
-
ns
WE High Hold Time
tWH
20
-
ns


Similar Part No. - K9F1608W0A-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208B0B SAMSUNG-K9F1208B0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208B0C SAMSUNG-K9F1208B0C Datasheet
824Kb / 38P
   64M x 8 Bits NAND Flash Memory
K9F1208B0C-P SAMSUNG-K9F1208B0C-P Datasheet
685Kb / 38P
   FLASH MEMORY
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A-P SAMSUNG-K9F1208D0A-P Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F1608W0A-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM29V16000AR SAMSUNG-KM29V16000AR Datasheet
1Mb / 26P
   2M X 8 BIT NAND FLASH MEMORY
KM29V16000ARS SAMSUNG-KM29V16000ARS Datasheet
1Mb / 24P
   2M X 8 BIT NAN FLASH MEMORY
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
KM29W040AT SAMSUNG-KM29W040AT Datasheet
359Kb / 22P
   512K x 8 bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com