Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1008C1C-P12 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6R1008C1C-P12
Description  128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1008C1C-P12 Datasheet(HTML) 1 Page - Samsung semiconductor

  K6R1008C1C-P12 Datasheet HTML 1Page - Samsung semiconductor K6R1008C1C-P12 Datasheet HTML 2Page - Samsung semiconductor K6R1008C1C-P12 Datasheet HTML 3Page - Samsung semiconductor K6R1008C1C-P12 Datasheet HTML 4Page - Samsung semiconductor K6R1008C1C-P12 Datasheet HTML 5Page - Samsung semiconductor K6R1008C1C-P12 Datasheet HTML 6Page - Samsung semiconductor K6R1008C1C-P12 Datasheet HTML 7Page - Samsung semiconductor K6R1008C1C-P12 Datasheet HTML 8Page - Samsung semiconductor K6R1008C1C-P12 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
K6R1008C1C-C/C-L, K6R1008C1C-I/C-P
CMOS SRAM
PRELIMINARY
Revision 3.0
- 1 -
September 2001
PRELIMINARY
Document Title
128Kx8 Bit High-Speed CMOS Static RAM(5V Operating).
Operated at Commercial and Industrial Temperature Ranges.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Rev.No.
Rev. 0.0
Rev. 1.0
Rev. 2.0
Rev. 3.0
Remark
Preliminary
Final
Final
Final
History
Initial release with Preliminary.
Release to Final Data Sheet.
1.1. Delete Preliminary.
2.2. Added Data Retention Characteristics.
Add 10ns part.
Delete 20ns speed bin
Draft Data
Aug. 5. 1998
Mar. 3. 1999
Mar. 3. 2000
Sep. 24. 2001


Similar Part No. - K6R1008C1C-P12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K6R1008C1C-J ETC2-K6R1008C1C-J Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
K6R1008C1C-J ATMEL-K6R1008C1C-J Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
logo
List of Unclassifed Man...
K6R1008C1C-T ETC2-K6R1008C1C-T Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
K6R1008C1C-T ATMEL-K6R1008C1C-T Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
More results

Similar Description - K6R1008C1C-P12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681002C SAMSUNG-KM681002C Datasheet
199Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R4008C1C-C SAMSUNG-K6R4008C1C-C Datasheet
134Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating). Operated at Extended and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com