Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T4008C1B-GL55 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K6T4008C1B-GL55
Description  512Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T4008C1B-GL55 Datasheet(HTML) 4 Page - Samsung semiconductor

  K6T4008C1B-GL55 Datasheet HTML 1Page - Samsung semiconductor K6T4008C1B-GL55 Datasheet HTML 2Page - Samsung semiconductor K6T4008C1B-GL55 Datasheet HTML 3Page - Samsung semiconductor K6T4008C1B-GL55 Datasheet HTML 4Page - Samsung semiconductor K6T4008C1B-GL55 Datasheet HTML 5Page - Samsung semiconductor K6T4008C1B-GL55 Datasheet HTML 6Page - Samsung semiconductor K6T4008C1B-GL55 Datasheet HTML 7Page - Samsung semiconductor K6T4008C1B-GL55 Datasheet HTML 8Page - Samsung semiconductor K6T4008C1B-GL55 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
K6T4008C1B Family
CMOS SRAM
Revision 3.0
September 1998
4
RECOMMENDED DC OPERATING CONDITIONS1)
Note:
1. Commercial Product: TA=0 to 70
°C, otherwise specified
Industrial Product: TA=-40 to 85
°C, otherwise specified
2. Overshoot: VCC+3.0V in case of pulse width
≤ 30ns
3. Undershoot: -3.0V in case of pulse width
≤ 30ns
4. Overshoot and undershoot are sampled, not 100% tested.
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
Vcc
4.5
5.0
5.5
V
Ground
Vss
0
0
0
V
Input high voltage
VIH
2.2
-
Vcc+0.52)
V
Input low voltage
VIL
-0.53)
-
0.8
V
CAPACITANCE1) (f=1MHz, TA=25
°C)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Output capacitance
CIO
VIO=0V
-
10
pF
DC AND OPERATING CHARACTERISTICS
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=Vss to Vcc
-1
-
1
µA
Output leakage current
ILO
CS=VIH or OE=VIH or WE=VIL, VIO=Vss to Vcc
-1
-
1
µA
Operating power supply
ICC
IIO=0mA, CS=VIL, VIN=VIL or VIH, Read
-
7.5
15
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA
CS
≤0.2V, VIN≥0.2V or VIN ≥ Vcc-0.2V
Read
-
4
10
mA
Write
-
27
40
ICC2
Cycle time=Min, 100% duty, IIO=0mA, CS=VIL, VIN=VIH or VIL
-
65
80
mA
Output low voltage
VOL
IOL=2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH=-1.0mA
2.4
-
-
V
Standby Current(TTL)
ISB
CS=VIH, Other inputs = VIL or VIH
-
-
3
mA
Standby Current(CMOS)
ISB1
CS
≥Vcc-0.2V, Other inputs=0~Vcc
K6T4008C1B-L
-
2
100
µA
K6T4008C1B-B
-
1
20
µA
K6T4008C1B-P
-
2
100
µA
K6T4008C1B-F
-
1
50
µA


Similar Part No. - K6T4008C1B-GL55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C-B SAMSUNG-K6T4008C1C-B Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C-DB55 SAMSUNG-K6T4008C1C-DB55 Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C-DB70 SAMSUNG-K6T4008C1C-DB70 Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C-DL55 SAMSUNG-K6T4008C1C-DL55 Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T4008C1B-GL55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
White Electronic Design...
EDI8F8512C WEDC-EDI8F8512C Datasheet
356Kb / 9P
   512Kx8 STATIC RAM CMOS, MODULE
logo
Samsung semiconductor
KM684000L SAMSUNG-KM684000L Datasheet
330Kb / 7P
   512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CYM1464 CYPRESS-CYM1464 Datasheet
200Kb / 8P
   512Kx8 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com