Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F4008W0A- Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K9F4008W0A-
Description  512K x 8 bit NAND Flash Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F4008W0A- Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K9F4008W0A- Datasheet HTML 5Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 6Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 7Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 8Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 9Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 10Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 11Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 12Page - Samsung semiconductor K9F4008W0A- Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
K9F4008W0A-TCB0, K9F4008W0A-TIB0
FLASH MEMORY
9
Identifying Invalid Block(s)
Invalid Block(s)
Invalid blocks are defined as blocks that contain one or more invalid bits whose reliability is not guaranteed by Samsung. The informa-
tion regarding the invalid block(s) is called as the invalid block information. The invalid block information is written to the 1st or the 2nd
page of the invalid block(s) with 00h data. Devices with invalid block(s) have the same quality level or as devices with all valid blocks
and have the same AC and DC characteristics. An invalid block(s) does not affect the performance of valid block(s) because it is iso-
lated from the bit line and the common source line by a select transistor. The system design must be able to mask out the invalid
block(s) via address mapping. The 1st block, which is placed on 00h block address, is fully guaranteed to be a valid block, does not
require Error Correction.
NAND Flash Technical Notes
All device locations are erased(FFh) except locations where the invalid block information is written prior to shipping. Since the invalid
block information is also erasable in most cases, it is impossible to recover the information once it has been erased. Therefore, the
system must be able to recognize the invalid block(s) based on the original invalid block information and create the invalid block table
via the following suggested flow chart(Figure 1). Any intentional erasure of the original invalid block information is prohibited.
* Check "FFh" on the 1st and 2nd page
Figure 1. Flow chart to create invalid block table.
Start
Set Block Address = 0
Check "FFh" ?
Increment Block Address
Last Block ?
End
No
Yes
Yes
Create (or update)
No
Invalid Block(s) Table


Similar Part No. - K9F4008W0A-

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
K9F4G08U STMICROELECTRONICS-K9F4G08U Datasheet
614Kb / 32P
   USB 2.0 high-speed Flash drive controller
logo
Samsung semiconductor
K9F4G08U0A SAMSUNG-K9F4G08U0A Datasheet
1Mb / 43P
   FLASH MEMORY
K9F4G08U0A-I SAMSUNG-K9F4G08U0A-I Datasheet
1Mb / 43P
   FLASH MEMORY
K9F4G08U0A-P SAMSUNG-K9F4G08U0A-P Datasheet
1Mb / 43P
   FLASH MEMORY
K9F4G08U0D-SIB0000 SAMSUNG-K9F4G08U0D-SIB0000 Datasheet
930Kb / 28P
   Product Selection Guide Samsung Semiconductor, Inc. Memory & Storage
More results

Similar Description - K9F4008W0A-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM29W040AT SAMSUNG-KM29W040AT Datasheet
359Kb / 22P
   512K x 8 bit NAND Flash Memory
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
logo
Samsung semiconductor
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
K9F1608W0A- SAMSUNG-K9F1608W0A- Datasheet
443Kb / 25P
   2M x 8 Bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com