Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T4008C1B-MB55 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6T4008C1B-MB55
Description  512Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T4008C1B-MB55 Datasheet(HTML) 1 Page - Samsung semiconductor

  K6T4008C1B-MB55 Datasheet HTML 1Page - Samsung semiconductor K6T4008C1B-MB55 Datasheet HTML 2Page - Samsung semiconductor K6T4008C1B-MB55 Datasheet HTML 3Page - Samsung semiconductor K6T4008C1B-MB55 Datasheet HTML 4Page - Samsung semiconductor K6T4008C1B-MB55 Datasheet HTML 5Page - Samsung semiconductor K6T4008C1B-MB55 Datasheet HTML 6Page - Samsung semiconductor K6T4008C1B-MB55 Datasheet HTML 7Page - Samsung semiconductor K6T4008C1B-MB55 Datasheet HTML 8Page - Samsung semiconductor K6T4008C1B-MB55 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
K6T4008C1B Family
CMOS SRAM
Revision 3.0
September 1998
1
Document Title
512Kx8 bit Low Power CMOS Static RAM
Revision History
The attached datasheets are provided by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the specifications and
products. SAMSUNG Electronics will answer to your questions about device. If you have any questions, please contact the SAMSUNG branch offices.
Revision No.
0.0
0.1
1.0
2.0
3.0
Remark
Advance
Preliminary
Final
Final
Final
History
Initial Draft
Revise
- Changed Operating current by reticle revision
ICC at write : 35mA
→ 45mA
ICC1 at read/write : 15/35mA
→ 10/45mA
Finalize
- Changed Operating current
ICC1 at write : 45mA
→ 40mA
ICC2; 90mA
→ 80mA
- Change test load at 55ns : 100pF
→ 50pF
Revise
- Change datasheet format
Revise
- Industrial product speed bin change:70/100ns
→ 55/70ns
Draft Date
December 7, 1996
March 6, 1997
October 9, 1997
February 17, 1998
September 8, 1998


Similar Part No. - K6T4008C1B-MB55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C-B SAMSUNG-K6T4008C1C-B Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C-DB55 SAMSUNG-K6T4008C1C-DB55 Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C-DB70 SAMSUNG-K6T4008C1C-DB70 Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C-DL55 SAMSUNG-K6T4008C1C-DL55 Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T4008C1B-MB55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
White Electronic Design...
EDI8F8512C WEDC-EDI8F8512C Datasheet
356Kb / 9P
   512Kx8 STATIC RAM CMOS, MODULE
logo
Samsung semiconductor
KM684000L SAMSUNG-KM684000L Datasheet
330Kb / 7P
   512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CYM1464 CYPRESS-CYM1464 Datasheet
200Kb / 8P
   512Kx8 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com