Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35842-1301 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 35842-1301
Description  PT Bulb Socket, Sealed, Double Housing Assembly, Type A, Black
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

35842-1301 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  35842-1301 Datasheet HTML 1Page - Molex Electronics Ltd. 35842-1301 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0358421301
Status:
Active
Description:
PT Bulb Socket, Sealed, Double Housing Assembly, Type A, Black
Documents:
3D Model
Product Specification PS-35842-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Other Sockets
Series
35842
Comments
A-Type
Component Type
Socket
Product Name
Bulb Socket
Physical
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Black
Durability (mating cycles max)
30
Entry Angle
Vertical
Keying to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Resin
Nylon
PCB Locator
No
PCB Retention
N/A
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Pitch - Term. Interface (in)
0.000 In
Pitch - Term. Interface (mm)
0.00 mm
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A, 7A
Voltage - Maximum
12V
Material Info
Reference - Drawing Numbers
Product Specification
PS-35842-001
Sales Drawing
SD-35842-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35842Series
Mates With
Lamp
Use With
35464 Positive Terminal for PT Bulb Socket,
35465 Earth Terminal for PT Bulb Socket
This document was generated on 03/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 35842-1301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35842-1305 MOLEX5-35842-1305 Datasheet
158Kb / 2P
   PT Bulb Socket, Sealed, Double Housing Assembly, Type A, Gray
35842-1306 MOLEX5-35842-1306 Datasheet
158Kb / 2P
   PT Bulb Socket, Sealed, Double Housing Assembly, Type A, White
35842-1307 MOLEX5-35842-1307 Datasheet
158Kb / 2P
   PT Bulb Socket, Sealed, Double Housing Assembly, Type A, Brown
More results

Similar Description - 35842-1301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0358422301 MOLEX5-0358422301 Datasheet
155Kb / 2P
   PT Bulb Socket, Sealed, Double Housing Assembly, Type A, Black
0358421305 MOLEX5-0358421305 Datasheet
158Kb / 2P
   PT Bulb Socket, Sealed, Double Housing Assembly, Type A, Gray
0358421306 MOLEX5-0358421306 Datasheet
158Kb / 2P
   PT Bulb Socket, Sealed, Double Housing Assembly, Type A, White
0358421307 MOLEX5-0358421307 Datasheet
158Kb / 2P
   PT Bulb Socket, Sealed, Double Housing Assembly, Type A, Brown
0358432205 MOLEX5-0358432205 Datasheet
154Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type A
0358421316 MOLEX5-0358421316 Datasheet
158Kb / 2P
   PT Bulb Socket, Sealed, Double Housing Assembly, Type B, White
0358421317 MOLEX5-0358421317 Datasheet
158Kb / 2P
   PT Bulb Socket, Sealed, Double Housing Assembly, Type B, Brown
0358421315 MOLEX5-0358421315 Datasheet
158Kb / 2P
   PT Bulb Socket, Sealed, Double Housing Assembly, Type B, Gray
0358431206 MOLEX5-0358431206 Datasheet
155Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type A, White
0358431205 MOLEX5-0358431205 Datasheet
155Kb / 2P
   PT Bulb Socket, Sealed, Single Housing Assembly, Type A, Gray
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com