Electronic Components Datasheet Search |
|
0387207521 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0387207521 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 04/22/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0387207521 Status: Active Description: 9.53mm (.375") Pitch Beau™ PCB Terminal Strip, without Mounting Ends, 21 Circuits, with Screw Clamp Washer Documents: 3D Model Product Specification PS-38710-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Terminal Blocks Series 38720 Application Wire-to-Board Component Type One Piece Product Name Fixed Mount Barrier Type Barrier Strip Physical Circuits (Loaded) 21 Circuits (maximum) 21 Color - Resin Black Entry Angle Horizontal Lock to Mating Part None Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Polyester Number of Rows 1 Orientation Horizontal PC Tail Length (in) 0.190 In PC Tail Length (mm) 4.80 mm PCB Retention None PCB Thickness Recommended (in) 0.125 In PCB Thickness Recommended (mm) 3.18 mm Panel Mount No Pitch - Mating Interface (in) 0.375 In Pitch - Mating Interface (mm) 9.53 mm Pitch - Term. Interface (in) 0.375 In Pitch - Term. Interface (mm) 9.53 mm Plating min: Mating (µin) 150 Plating min: Mating (µm) 3.75 Plating min: Termination (µin) 150 Plating min: Termination (µm) 3.75 Polarized to Mating Part No Shrouded Dual-Barrier Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +130°C Wire Size AWG 12, 14, 16, 18, 20, 22 Wire Size mm² 0.50 - 2.50 Electrical Current - Maximum per Contact 25A Voltage - Maximum 300V Solder Process Data Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 38720Series Mates With N/A |
Similar Part No. - 0387207521 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |