Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395214007 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 395214007
Description  5.00mm (.197") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 7 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395214007 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  395214007 Datasheet HTML 1Page - Molex Electronics Ltd. 395214007 Datasheet HTML 2Page - Molex Electronics Ltd. 395214007 Datasheet HTML 3Page - Molex Electronics Ltd. 395214007 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
mm
inch
5.0mm, Euro Header, Vertical, High Temp
2
395214002
395214302
395214402
395214502
395214802
395214902
395219002
395219302
395219402
395219502
395219802
395219902
12.00
0.472
5.00
0.197
5.0mm, Euro Header, Vertical, High Temp
3
395214003
395214303
395214403
395214503
395214803
395214903
395219003
395219303
395219403
395219503
395219803
395219903
17.00
0.669
10.00
0.394
5.0mm, Euro Header, Vertical, High Temp
4
395214004
395214304
395214404
395214504
395214804
395214904
395219004
395219304
395219404
395219504
395219804
395219904
22.00
0.866
15.00
0.591
5.0mm, Euro Header, Vertical, High Temp
5
395214005
395214305
395214405
395214505
395214805
395214905
395219005
395219305
395219405
395219505
395219805
395219905
27.00
1.063
20.00
0.787
5.0mm, Euro Header, Vertical, High Temp
6
395214006
395214306
395214406
395214506
395214806
395214906
395219006
395219306
395219406
395219506
395219806
395219906
32.00
1.260
25.00
0.984
5.0mm, Euro Header, Vertical, High Temp
7
395214007
395214307
395214407
395214507
395214807
395214907
395219007
395219307
395219407
395219507
395219807
395219907
37.00
1.457
30.00
1.181
5.0mm, Euro Header, Vertical, High Temp
8
395214008
395214308
395214408
395214508
395214808
395214908
395219008
395219308
395219408
395219508
395219808
395219908
42.00
1.654
35.00
1.378
5.0mm, Euro Header, Vertical, High Temp
9
395214009
395214309
395214409
395214509
395214809
395214909
395219009
395219309
395219409
395219509
395219809
395219909
47.00
1.850
40.00
1.575
5.0mm, Euro Header, Vertical, High Temp
10
395214010
395214310
395214410
395214510
395214810
395214910
395219010
395219310
395219410
395219510
395219810
395219910
52.00
2.047
45.00
1.772
5.0mm, Euro Header, Vertical, High Temp
11
395214011
395214311
395214411
395214511
395214811
395214911
395219011
395219311
395219411
395219511
395219811
395219911
57.00
2.244
50.00
1.969
5.0mm, Euro Header, Vertical, High Temp
12
395214012
395214312
395214412
395214512
395214812
395214912
395219012
395219312
395219412
395219512
395219812
395219912
62.00
2.441
55.00
2.165
5.0mm, Euro Header, Vertical, High Temp
13
395214013
395214313
395214413
395214513
395214813
395214913
395219013
395219313
395219413
395219513
395219813
395219913
67.00
2.638
60.00
2.362
5.0mm, Euro Header, Vertical, High Temp
14
395214014
395214314
395214414
395214514
395214814
395214914
395219014
395219314
395219414
395219514
395219814
395219914
72.00
2.835
65.00
2.559
5.0mm, Euro Header, Vertical, High Temp
15
395214015
395214315
395214415
395214515
395214815
395214915
395219015
395219315
395219415
395219515
395219815
395219915
77.00
3.031
70.00
2.756
5.0mm, Euro Header, Vertical, High Temp
16
395214016
395214316
395214416
395214516
395214816
395214916
395219016
395219316
395219416
395219516
395219816
395219916
82.00
3.228
75.00
2.953
5.0mm, Euro Header, Vertical, High Temp
17
395214017
395214317
395214417
395214517
395214817
395214917
395219017
395219317
395219417
395219517
395219817
395219917
87.00
3.425
80.00
3.150
5.0mm, Euro Header, Vertical, High Temp
18
395214018
395214318
395214418
395214518
395214818
395214918
395219018
395219318
395219418
395219518
395219818
395219918
92.00
3.622
85.00
3.346
5.0mm, Euro Header, Vertical, High Temp
19
395214019
395214319
395214419
395214519
395214819
395214919
395219019
395219319
395219419
395219519
395219819
395219919
97.00
3.819
90.00
3.543
5.0mm, Euro Header, Vertical, High Temp
20
395214020
395214320
395214420
395214520
395214820
395214920
395219020
395219320
395219420
395219520
395219820
395219920
102.00
4.016
95.00
3.740
5.0mm, Euro Header, Vertical, High Temp
21
395214021
395214321
395214421
395214521
395214821
395214921
395219021
395219321
395219421
395219521
395219821
395219921
107.00
4.213
100.00
3.937
5.0mm, Euro Header, Vertical, High Temp
22
395214022
395214322
395214422
395214522
395214822
395214922
395219022
395219322
395219422
395219522
395219822
395219922
112.00
4.409
105.00
4.134
5.0mm, Euro Header, Vertical, High Temp
23
395214023
395214323
395214423
395214523
395214823
395214923
395219023
395219323
395219423
395219523
395219823
395219923
117.00
4.606
110.00
4.331
5.0mm, Euro Header, Vertical, High Temp
24
395214024
395214324
395214424
395214524
395214824
395214924
395219024
395219324
395219424
395219524
395219824
395219924
122.00
4.803
115.00
4.528


Similar Part No. - 395214007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395214002 MOLEX5-395214002 Datasheet
179Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 2 Circuits
395214003 MOLEX5-395214003 Datasheet
179Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 3 Circuits
395214004 MOLEX5-395214004 Datasheet
315Kb / 7P
   5.00mm (.197") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 4 Circuits
395214005 MOLEX5-395214005 Datasheet
179Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 5 Circuits
395214006 MOLEX5-395214006 Datasheet
179Kb / 4P
   5.00mm (.197") Pitch Eurostyle??Vertical PCB Header, Surface Mount Compatible, 6 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com