Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41671-C02A208 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # A-41671-C02A208
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 2 Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

A-41671-C02A208 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button A-41671-C02A208 Datasheet HTML 2Page - Molex Electronics Ltd. A-41671-C02A208 Datasheet HTML 3Page - Molex Electronics Ltd. A-41671-C02A208 Datasheet HTML 4Page - Molex Electronics Ltd. A-41671-C02A208 Datasheet HTML 5Page - Molex Electronics Ltd. A-41671-C02A208 Datasheet HTML 6Page - Molex Electronics Ltd. A-41671-C02A208 Datasheet HTML 7Page - Molex Electronics Ltd. A-41671-C02A208 Datasheet HTML 8Page - Molex Electronics Ltd. A-41671-C02A208 Datasheet HTML 9Page - Molex Electronics Ltd. A-41671-C02A208 Datasheet HTML 10Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
AJ
EC. NO.
DATE:
UCP2009-1378
12/8/2008
TITLE:
KK .156 HEADER ASSEMBLY
FRICTION LOCK STRAIGHT
2-24 CKTS.
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD – 41671 - 001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group No:
A-41671-ANF102
Group No:
A-41671-ANB501
Group No:
A-41671-ANF501
Group No:
A-41671-ANN102
Pin No:
2161-24 (102)
Pin No:
2161-1 (501)
Pin No:
2161-24 (501)
Pin No:
2161-19 (102)
Plating:
102 TIN
Plating:
501 GOLD
Plating:
501 GOLD
Plating:
102 TIN
Pin Length
L
.800 / 20.32
Pin Length
L
.750 / 19.05
Pin Length
L
.800 / 20.32
Pin Length
L
1.032 / 26.21
Mating
M
.480 / 12.19
Mating
M
.523 / 13.28
Mating
M
.480 / 12.19
Mating
M
.450 / 11.43
Gold Loc
G
NA
Gold Loc
G
OVERALL
Gold Loc
G
OVERALL
Gold Loc
G
NA
PC Tail
P
.192 / 4.88
PC Tail
P
.099 / 2.51
PC Tail
P
.192 / 4.88
PC Tail
P
.454 / 11.53
Tin Loc
T
OVERALL
Tin Loc
T
NA
Tin Loc
T
NA
Tin Loc
T
OVERALL
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Pack Per
PK-41671-001
Pack Per
PK-41671-001
Pack Per
PK-41671-001
Pack Per
PK-41671-001
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-48-4026
A-41671-A02F102
26-48-2027
A-41671-A02B501
41671-0250
A-41671-A02F501
A-41671-A02N102
3
26-48-4036
A-41671-A03F102
26-48-2037
A-41671-A03B501
41671-0350
A-41671-A03F501
A-41671-A03N102
4
26-48-4046
A-41671-A04F102
26-48-2047
A-41671-A04B501
41671-0450
A-41671-A04F501
A-41671-A04N102
5
26-48-4056
A-41671-A05F102
26-48-2057
A-41671-A05B501
41671-0550
A-41671-A05F501
A-41671-A05N102
6
26-48-4066
A-41671-A06F102
26-48-2067
A-41671-A06B501
41671-0650
A-41671-A06F501
A-41671-A06N102
7
26-48-4076
A-41671-A07F102
26-48-2077
A-41671-A07B501
41671-0750
A-41671-A07F501
A-41671-A07N102
8
26-48-4086
A-41671-A08F102
26-48-2087
A-41671-A08B501
41671-0850
A-41671-A08F501
A-41671-A08N102
9
26-48-4096
A-41671-A09F102
26-48-2097
A-41671-A09B501
41671-0950
A-41671-A09F501
A-41671-A09N102
10
26-48-4106
A-41671-A10F102
26-48-2107
A-41671-A10B501
41671-1050
A-41671-A10F501
A-41671-A10N102
11
26-48-4116
A-41671-A11F102
26-48-2117
A-41671-A11B501
41671-1150
A-41671-A11F501
A-41671-A11N102
12
26-48-4126
A-41671-A12F102
26-48-2127
A-41671-A12B501
41671-1250
A-41671-A12F501
A-41671-A12N102
13
26-48-4136
A-41671-A13F102
26-48-2137
A-41671-A13B501
41671-1350
A-41671-A13F501
A-41671-A13N102
14
26-48-4146
A-41671-A14F102
26-48-2147
A-41671-A14B501
41671-1450
A-41671-A14F501
A-41671-A14N102
15
26-48-4156
A-41671-A15F102
26-48-2157
A-41671-A15B501
41671-1550
A-41671-A15F501
A-41671-A15N102
16
26-48-4166
A-41671-A16F102
26-48-2167
A-41671-A16B501
41671-1650
A-41671-A16F501
A-41671-A16N102
17
26-48-4176
A-41671-A17F102
26-48-2177
A-41671-A17B501
41671-1750
A-41671-A17F501
A-41671-A17N102
18
26-48-4186
A-41671-A18F102
26-48-2187
A-41671-A18B501
41671-1850
A-41671-A18F501
A-41671-A18N102
19
26-48-4196
A-41671-A19F102
26-48-2197
A-41671-A19B501
41671-1950
A-41671-A19F501
A-41671-A19N102
20
26-48-4206
A-41671-A20F102
26-48-2207
A-41671-A20B501
41671-2050
A-41671-A20F501
A-41671-A20N102
21
26-48-4216
A-41671-A21F102
26-48-2217
A-41671-A21B501
41671-2150
A-41671-A21F501
A-41671-A21N102
22
26-48-4226
A-41671-A22F102
26-48-2227
A-41671-A22B501
41671-2250
A-41671-A22F501
A-41671-A22N102
23
26-48-4236
A-41671-A23F102
26-48-2237
A-41671-A23B501
41671-2350
A-41671-A23F501
A-41671-A23N102
24
26-48-4246
A-41671-A24F102
26-48-2247
A-41671-A24B501
41671-2450
A-41671-A24F501
26-48-8247
A-41671-A24N102


Similar Part No. - A-41671-C02A208

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41671-C02A208 MOLEX11-A-41671-C02A208 Datasheet
68Kb / 2P
   KK 396 Breakaway Header, Vertical, Square Pin, with Friction Lock, 2 Circuits, 0.38um Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com