Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

960503 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 960503
Description  8.00mm (.315") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Voltage 3 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

960503 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  960503 Datasheet HTML 1Page - Molex Electronics Ltd. 960503 Datasheet HTML 2Page - Molex Electronics Ltd. 960503 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0399600103
Status:
Active
Description:
8.00mm (.315") Beau™ Eurostyle™ Fixed Mount PCB Terminal Block, High Voltage 3
Circuits
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
39960
Application
Wire-to-Board
Component Type
One Piece
Product Literature Order No
USA-199
Product Name
Eurostyle™Fixed Mount
Type
Euro Block
Physical
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Black
Entry Angle
Horizontal
Lock to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.160 In
PC Tail Length (mm)
4.06 mm
PCB Retention
None
Panel Mount
No
Pitch - Mating Interface (in)
0.315 In
Pitch - Mating Interface (mm)
8.00 mm
Pitch - Term. Interface (in)
0.315 In
Pitch - Term. Interface (mm)
8.00 mm
Plating min: Mating (µin)
150
Plating min: Mating (µm)
3.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Polarized to Mating Part
N/A
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
130°C
Wire Size AWG
10, 12, 14, 16, 18, 20, 22
Wire Size mm²
0.50 - 4.00
Electrical
Current - Maximum per Contact
30A
Voltage - Maximum
600V
Material Info
Old Part Number
960503
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39960Series
Mates With
N/A


Similar Part No. - 960503

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
960503 MOLEX11-960503 Datasheet
31Kb / 2P
   8.00mm Beau Eurostyle Fixed Mount PCB Terminal Block, High Voltage 3 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com