Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43045-1819 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43045-1819
Description  3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount, Dual Row, Vertical, with Solder Tab, 18 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

43045-1819 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43045-1819 Datasheet HTML 1Page - Molex Electronics Ltd. 43045-1819 Datasheet HTML 2Page - Molex Electronics Ltd. 43045-1819 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0430451819
Status:
Active
Overview:
microfit_30
Description:
3.00mm (.118") Pitch Micro-Fit 3.0™ Header, Surface Mount, Dual Row, Vertical,
with Solder Tab, 18 Circuits, 0.38µm (15µ") Gold (Au) Selective Plating, Glow Wire
Compatible
Documents:
3D Model
Product Specification PS-43045 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Headers
Series
43045
Application
Wire-to-Board
Comments
Glow Wire Equivalent Part Number 430451819. High
Temperature, Square Pin, Solder Type
Overview
microfit_30
Product Literature Order No
USA-106
Product Name
Micro-Fit 3.0™
Physical
Breakaway
No
Circuits (Loaded)
18
Circuits (maximum)
18
Color - Resin
Black
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Compliant
Yes
Mated Height (in)
0.680 In
Mated Height (mm)
17.27 mm
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Plating min: Mating (µin)
35
Plating min: Mating (µm)
0.88
Plating min: Termination (µin)
35
Plating min: Termination (µm)
0.88
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43045Series
Mates With
43025


Similar Part No. - 43045-1819

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43045-1819 MOLEX8-43045-1819 Datasheet
115Kb / 1P
   MICRO FIT DUAL ROW VERTICAL SMT HEADER W/NAILS ASSY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com