Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0416710029 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # 0416710029
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 7 Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0416710029 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button 0416710029 Datasheet HTML 2Page - Molex Electronics Ltd. 0416710029 Datasheet HTML 3Page - Molex Electronics Ltd. 0416710029 Datasheet HTML 4Page - Molex Electronics Ltd. 0416710029 Datasheet HTML 5Page - Molex Electronics Ltd. 0416710029 Datasheet HTML 6Page - Molex Electronics Ltd. 0416710029 Datasheet HTML 7Page - Molex Electronics Ltd. 0416710029 Datasheet HTML 8Page - Molex Electronics Ltd. 0416710029 Datasheet HTML 9Page - Molex Electronics Ltd. 0416710029 Datasheet HTML 10Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
AJ
EC. NO.
DATE:
UCP2009-1378
12/8/2008
TITLE:
KK .156 HEADER ASSEMBLY
FRICTION LOCK STRAIGHT
2-24 CKTS.
- 8 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD – 41671 - 001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group No:
A-41671-CNA222
Pin No:
43294-0238
Plating:
222 Tin
Pin Length L
.750/19.05
Mating
M
.450/11.43
Gold Loc
G
N/A
PC Tail
P
.172/4.37
Tin Loc
T
OVERALL
Voided Ckts
NONE
Pack Per
PK-41671-001
Ckts
Material No
Engineer Number
5
50-36-2287
A-41671-C05A222


Similar Part No. - 0416710029

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0416710020 MOLEX5-0416710020 Datasheet
276Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 21 Circuits
0416710024 MOLEX5-0416710024 Datasheet
276Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 2 Circuits
0416710025 MOLEX5-0416710025 Datasheet
276Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 3 Circuits
0416710026 MOLEX5-0416710026 Datasheet
276Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 4 Circuits
0416710027 MOLEX5-0416710027 Datasheet
276Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 5 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com