Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2141 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KA2141
Description  R/G/B VIDEO AMPLIFIER FOR MONITORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2141 Datasheet(HTML) 2 Page - Samsung semiconductor

  KA2141 Datasheet HTML 1Page - Samsung semiconductor KA2141 Datasheet HTML 2Page - Samsung semiconductor KA2141 Datasheet HTML 3Page - Samsung semiconductor KA2141 Datasheet HTML 4Page - Samsung semiconductor KA2141 Datasheet HTML 5Page - Samsung semiconductor KA2141 Datasheet HTML 6Page - Samsung semiconductor KA2141 Datasheet HTML 7Page - Samsung semiconductor KA2141 Datasheet HTML 8Page - Samsung semiconductor KA2141 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2141
1
R/G/B VIDEO AMPLIFIER
The KA2141 is a very high frequency Video amplifier system
to be used in Monitor. It contains 3 matched R/G/B video
amplifiers with blank signal and clamp gate pulse and
provides a flexible interfacing to DC controlled adjustment
system
FUNCTIONS
• R/G/B Video Amplifier
• Contrast/SUB contrast control
• Brightness control
• Blank gate/Clamp gate
• Video clamp
FEATURES
• 3 - channel R/G/B Video Amplifier: 85MHz bandwidth.
• DC contrast control range: -38dB (0V ~ 4V)
• DC sub contrast control range: -11dB (0V ~ 4V)
• Maximum Video output level: 7Vpp
• DC Brightness control range: 0V ~ 4V
• Include blank gate and clamp gate signal processing block
20-DIP-300A
ORDERING INFORMATION
Device
Package
Operating Temperature
KA2141
20-DIP-300
-25
°C ~ +70 °C


Similar Part No. - KA2141

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
logo
Fairchild Semiconductor
KA2142 FAIRCHILD-KA2142 Datasheet
62Kb / 12P
   Vertical Deflection Output Circuit
KA2142C FAIRCHILD-KA2142C Datasheet
62Kb / 12P
   Vertical Deflection Output Circuit
logo
Samsung semiconductor
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
More results

Similar Description - KA2141

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
   R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2143B SAMSUNG-KA2143B Datasheet
108Kb / 12P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2140B03 SAMSUNG-S1D2140B03 Datasheet
102Kb / 11P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2506A01-D0B1 SAMSUNG-S1D2506A01-D0B1 Datasheet
267Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2500 SAMSUNG-KA2500 Datasheet
276Kb / 28P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2506-01 SAMSUNG-KA2506-01 Datasheet
271Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2503X01-D0B0 SAMSUNG-S1D2503X01-D0B0 Datasheet
269Kb / 26P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER FOR MONITORS
KA2140B SAMSUNG-KA2140B Datasheet
44Kb / 3P
   R/G/B VIDEO AMPLIFIER WITH OSD INTERFACE FOR MONITORS
S1D2518X01 SAMSUNG-S1D2518X01 Datasheet
457Kb / 38P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2500A01-D0 SAMSUNG-S1D2500A01-D0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com