Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F5616Q0B-HIB0 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K9F5616Q0B-HIB0
Description  32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F5616Q0B-HIB0 Datasheet(HTML) 2 Page - Samsung semiconductor

  K9F5616Q0B-HIB0 Datasheet HTML 1Page - Samsung semiconductor K9F5616Q0B-HIB0 Datasheet HTML 2Page - Samsung semiconductor K9F5616Q0B-HIB0 Datasheet HTML 3Page - Samsung semiconductor K9F5616Q0B-HIB0 Datasheet HTML 4Page - Samsung semiconductor K9F5616Q0B-HIB0 Datasheet HTML 5Page - Samsung semiconductor K9F5616Q0B-HIB0 Datasheet HTML 6Page - Samsung semiconductor K9F5616Q0B-HIB0 Datasheet HTML 7Page - Samsung semiconductor K9F5616Q0B-HIB0 Datasheet HTML 8Page - Samsung semiconductor K9F5616Q0B-HIB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
FLASH MEMORY
2
K9F5616U0B-YCB0,YIB0,PCB0,PIB0
K9F5616U0B-DCB0,DIB0,HCB0,HIB0
K9F5608U0B-YCB0,YIB0,PCB0,PIB0
K9F5608U0B-DCB0,DIB0,HCB0,HIB0
K9F5608Q0B-DCB0,DIB0,HCB0,HIB0
K9F5616Q0B-DCB0,DIB0,HCB0,HIB0
K9F5608U0B-VCB0,VIB0,FCB0,FIB0
Document Title
32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
Revision History
The attached datasheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right
to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you have
any questions, please contact the SAMSUNG branch office near you.
Revision No.
0.5
0.6
0.7
0.8
0.9
Remark
History
1. Add the Rp vs tr ,tf & Rp vs ibusy graph for 1.8V device (Page 33)
2. Add the data protection Vcc guidence for 1.8V device - below about
1.1V. (Page 34)
The min. Vcc value 1.8V devices is changed.
K9F56XXQ0B : Vcc 1.65V~1.95V --> 1.70V~1.95V
Pb-free Package is added.
K9F5608U0B-FCB0,FIB0
K9F5608Q0B-HCB0,HIB0
K9F5616U0B-HCB0,HIB0
K9F5616U0B-PCB0,PIB0
K9F5616Q0B-HCB0,HIB0
K9F5608U0B-HCB0,HIB0
K9F5608U0B-PCB0,PIB0
New definition of the number of invalid blocks is added.
(Minimum 1004 valid blocks are guaranteed for each contiguous 128Mb
memory space.)
Pin assignment of TBGA A3 ball is changed.
(before) N.C --> (after) Vss
Draft Date
Nov. 22.2002
Mar. 6.2003
Mar. 13rd 2003
Apr. 4th 2003
May. 24th 2003
Note : For more detailed features and specifications including FAQ, please refer to Samsung’s Flash web site.
http://www.intl.samsungsemi.com/Memory/Flash/datasheets.html


Similar Part No. - K9F5616Q0B-HIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5616Q0C SAMSUNG-K9F5616Q0C Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F5616Q0C SAMSUNG-K9F5616Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5616Q0C SAMSUNG-K9F5616Q0C Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5616Q0C-D SAMSUNG-K9F5616Q0C-D Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F5616Q0C-D SAMSUNG-K9F5616Q0C-D Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
More results

Similar Description - K9F5616Q0B-HIB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608X0D SAMSUNG-K9F5608X0D Datasheet
860Kb / 35P
   32M x 8 Bit NAND Flash Memory
K9F5608U0M- SAMSUNG-K9F5608U0M- Datasheet
353Kb / 26P
   32M x 8 Bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0C SAMSUNG-K9F2808U0C Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com