Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE5RE27AC-RF Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RE5RE27AC-RF
Description  VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RE5RE27AC-RF Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RE5RE27AC-RF Datasheet HTML 6Page - RICOH electronics devices division RE5RE27AC-RF Datasheet HTML 7Page - RICOH electronics devices division RE5RE27AC-RF Datasheet HTML 8Page - RICOH electronics devices division RE5RE27AC-RF Datasheet HTML 9Page - RICOH electronics devices division RE5RE27AC-RF Datasheet HTML 10Page - RICOH electronics devices division RE5RE27AC-RF Datasheet HTML 11Page - RICOH electronics devices division RE5RE27AC-RF Datasheet HTML 12Page - RICOH electronics devices division RE5RE27AC-RF Datasheet HTML 13Page - RICOH electronics devices division RE5RE27AC-RF Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
9
R
×5RE
Topt=25˚C
1.0
3.0
1.1
3.3
IOUT
=10mA
IOUT
VIN
=10mA
VOUT
1.2
3.6
0.1
10
240
±100
=2.0V
VOUT+
–40˚C
1.0V
Topt
VIN
≤85˚C
≤10V
1.3
3.9
1.4
4.2
Quiescent Current
Line Regulation Input Voltage Current Limit Output Voltage Tempco.
Iss(µA)
∆VOUT/∆VIN(%/V) VIN(V) Ilim(mA) ∆VOUT/∆T(ppm/˚C)
Conditions
TYP.
MAX.
Conditions
TYP.
MAX.
TYP.
Conditions
TYP.


Similar Part No. - RE5RE27AC-RF

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RE5RE20AA-TZ-F RICOH-RE5RE20AA-TZ-F Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
RE5RE25AA-TZ-F RICOH-RE5RE25AA-TZ-F Datasheet
270Kb / 20P
   Supply Current Typ. 1.1uA (VOUT=3.0V, VIN=5.0V)
More results

Similar Description - RE5RE27AC-RF

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM99271B-S ELM-TECH-ELM99271B-S Datasheet
170Kb / 18P
   CMOS Middle current voltage regulator
ELM99 ELM-TECH-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
ELM Electronics
ELM99 ELM-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
logo
ELM Technology Corporat...
ELM99-SERIES ELM-TECH-ELM99-SERIES Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99271271BW-S ELM-TECH-ELM99271271BW-S Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
logo
Seiko Instruments Inc
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com