Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0357501210 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0357501210
Description  Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm짼), Stud Size 8 M4, Tin Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0357501210 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0357501210 Datasheet HTML 1Page - Molex Electronics Ltd. 0357501210 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0357501210
Status:
Active
Description:
Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm²), Stud Size 8 M4, Tin Plating
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35750-0300 (PDF)
Agency Certification
UL
E134962
General
Product Family
Ring and Spade Terminals
Series
35750
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
N/A
Type
Ring
Physical
Barrel Type
Open
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Reel
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Stud Size
8 (M4)
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.20mm (.126") max.
Wire Size AWG
14, 16, 18
Wire Size mm²
0.75 - 2.08
Electrical
Voltage - Maximum
300V AC
Material Info
Reference - Drawing Numbers
Product Specification
PS-35750-0300
Sales Drawing
SD-35750-12*0
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35750Series
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0357501210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357501010 MOLEX5-0357501010 Datasheet
122Kb / 2P
   Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm짼), Stud Size 8 M4, Tin Plating
0357501100 MOLEX5-0357501100 Datasheet
69Kb / 2P
    Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm짼), Stud Size 3-4 (M2.6), Unplated
0357501110 MOLEX5-0357501110 Datasheet
69Kb / 2P
   Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm²), Stud Size 3-4 (M2.6), Post-Tin Plating
0357501410 MOLEX5-0357501410 Datasheet
75Kb / 2P
   Ring Tongue Terminal for 20-22 AWG (0.30~0.50mm짼), Stud Size 5-6 (M3-3.5), Tin Plating
0357501710 MOLEX5-0357501710 Datasheet
89Kb / 2P
   Ring Tongue Terminal for 9-14 AWG (2.20~6.70mm짼), Stud Size 8 M4, Tin Plating
More results

Similar Description - 0357501210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0357501010 MOLEX5-0357501010 Datasheet
122Kb / 2P
   Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm짼), Stud Size 8 M4, Tin Plating
0357500910 MOLEX5-0357500910 Datasheet
111Kb / 2P
   Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm짼), Stud Size 8 M4, Tin Plating
0357504810 MOLEX5-0357504810 Datasheet
114Kb / 2P
   Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm짼), Stud Size 8 M4, Tin Plating
0357501100 MOLEX5-0357501100 Datasheet
69Kb / 2P
    Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm짼), Stud Size 3-4 (M2.6), Unplated
0357501710 MOLEX5-0357501710 Datasheet
89Kb / 2P
   Ring Tongue Terminal for 9-14 AWG (2.20~6.70mm짼), Stud Size 8 M4, Tin Plating
0357501110 MOLEX5-0357501110 Datasheet
69Kb / 2P
   Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm²), Stud Size 3-4 (M2.6), Post-Tin Plating
logo
TE Connectivity Ltd
40724 TEC-40724 Datasheet
62Kb / 1P
   M4 - #8 STUD, TERMINAL, TONGUE, RING
logo
Molex Electronics Ltd.
0190850005 MOLEX4-0190850005 Datasheet
94Kb / 2P
   Open Barrel Ring , Tin-Plated Brass, for 14-18 AWG Wire, Stud Size 8 (M4)
0190850008 MOLEX4-0190850008 Datasheet
93Kb / 2P
   Open Barrel Ring , Tin-Plated Steel, for 14-18 AWG Wire, Stud Size 8 (M4)
0357501810 MOLEX5-0357501810 Datasheet
75Kb / 2P
   Ring Tongue Terminal for 9-14 AWG (2.20~6.70mm짼), Stud Size 10 M5, Tin Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com