Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9F5616U0C-DCB0 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9F5616U0C-DCB0
Description  512Mb/256Mb 1.8V NAND Flash Errata
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F5616U0C-DCB0 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9F5616U0C-DCB0 Datasheet HTML 7Page - Samsung semiconductor K9F5616U0C-DCB0 Datasheet HTML 8Page - Samsung semiconductor K9F5616U0C-DCB0 Datasheet HTML 9Page - Samsung semiconductor K9F5616U0C-DCB0 Datasheet HTML 10Page - Samsung semiconductor K9F5616U0C-DCB0 Datasheet HTML 11Page - Samsung semiconductor K9F5616U0C-DCB0 Datasheet HTML 12Page - Samsung semiconductor K9F5616U0C-DCB0 Datasheet HTML 13Page - Samsung semiconductor K9F5616U0C-DCB0 Datasheet HTML 14Page - Samsung semiconductor K9F5616U0C-DCB0 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
K9F5616U0C-YCB0,YIB0,PCB0,PIB0
FLASH MEMORY
10
K9F5616U0C-DCB0,DIB0,HCB0,HIB0
K9F5608U0C-YCB0,YIB0,PCB0,PIB0
K9F5608U0C-DCB0,DIB0,HCB0,HIB0
K9F5608Q0C-DCB0,DIB0,HCB0,HIB0
K9F5616Q0C-DCB0,DIB0,HCB0,HIB0
K9F5608U0C-VCB0,VIB0,FCB0,FIB0
DC AND OPERATING CHARACTERISTICS(Recommended operating conditions otherwise noted.)
Parameter
Symbol
Test Conditions
K9F56XXQ0C(1.8V)
K9F56XXU0C(3.3V)
Unit
Min
Typ
Max
Min
Typ
Max
Operat-
ing
Current
Sequential Read
ICC1
tRC=50ns, CE=VIL
IOUT=0mA
-
8
15
-
10
20
mA
Program
ICC2
-
-
8
15
-
10
25
Erase
ICC3
-
-
8
15
-
10
25
Stand-by Current(TTL)
ISB1
CE=VIH, WP=0V/VCC
-
-
1
-
-
1
Stand-by Current(CMOS)
ISB2
CE=VCC-0.2, WP=0V/VCC
-
10
50
-
10
50
µA
Input Leakage Current
ILI
VIN=0 to Vcc(max)
-
-
±10
-
-
±10
Output Leakage Current
ILO
VOUT=0 to Vcc(max)
-
-
±10
-
-
±10
Input High Voltage
VIH
I/O pins
VCCQ-0.4
-
VCCQ
+0.3
2.0
-
VCCQ+0.3
V
Except I/O pins
VCC-0.4
-
VCC
+0.3
2.0
-
VCC+0.3
Input Low Voltage, All inputs
VIL
-
-0.3
-
0.4
-0.3
-
0.8
Output High Voltage Level
VOH
K9F56XXQ0C :IOH=-100
µA
K9F56XXU0C :IOH=-400
µA
VCCQ-0.1
-
-
2.4
-
-
Output Low Voltage Level
VOL
K9F56XXQ0C :IOL=100uA
K9F56XXU0C :IOL=2.1mA
-
-
0.1
-
-
0.4
Output Low Current(R/B)
IOL(R/B)
K9F56XXQ0C :VOL=0.1V
K9F56XXU0C :VOL=0.4V
3
4
-
8
10
-
mA
RECOMMENDED OPERATING CONDITIONS
(Voltage reference to GND, K9F56XXX0C-XCB0
:TA=0 to 70
°C, K9F56XXX0C-XIB0:TA=-40 to 85°C)
Parameter
Symbol
K9F56XXQ0C(1.8V)
K9F56XXU0C(3.3V)
Unit
Min
Typ.
Max
Min
Typ.
Max
Supply Voltage
VCC
1.70
1.8
1.95
2.7
3.3
3.6
V
Supply Voltage
VCCQ
1.70
1.8
1.95
2.7
3.3
3.6
V
Supply Voltage
VSS
0
0
0
0
0
0
V
ABSOLUTE MAXIMUM RATINGS
NOTE :
1. Minimum DC voltage is -0.6V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <30ns.
Maximum DC voltage on input/output pins is VCC,+0.3V which, during transitions, may overshoot to VCC+2.0V for periods <20ns.
2. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to the conditions
as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
K9F56XXQ0C(1.8V)
K9F56XXU0C(3.3V)
Voltage on any pin relative to VSS
VIN/OUT
-0.6 to + 2.45
-0.6 to + 4.6
V
VCC
-0.2 to + 2.45
-0.6 to + 4.6
VCCQ
-0.2 to + 2.45
-0.6 to + 4.6
Temperature Under Bias
K9F56XXX0C-XCB0
TBIAS
-10 to +125
°C
K9F56XXX0C-XIB0
-40 to +125
Storage Temperature
K9F56XXX0C-XCB0
TSTG
-65 to +150
°C
K9F56XXX0C-XIB0
Short Circuit Current
Ios
5
mA


Similar Part No. - K9F5616U0C-DCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5616U0C-D SAMSUNG-K9F5616U0C-D Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5616U0C-D SAMSUNG-K9F5616U0C-D Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F5616U0C-DCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1G08Q0M-YCB0 SAMSUNG-K9F1G08Q0M-YCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
logo
Infineon Technologies A...
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
   256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
logo
Samsung semiconductor
KBE00G003M SAMSUNG-KBE00G003M Datasheet
1Mb / 89P
   NAND 512Mb*2 Mobile SDRAM 256Mb*2
KBE00F005A SAMSUNG-KBE00F005A Datasheet
1Mb / 87P
   512Mb NAND*2 256Mb Mobile SDRAM*2
logo
Micron Technology
PF48F4400P0VBQEK MICRON-PF48F4400P0VBQEK Datasheet
1Mb / 95P
   256Mb and 512Mb (256Mb/256Mb), P30-65nm
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
STMicroelectronics
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
logo
Macronix International
MX30UF4G28AB-XKI MCNIX-MX30UF4G28AB-XKI Datasheet
1Mb / 85P
   1.8V, 2G/4G-bit NAND Flash Memory
logo
Eon Silicon Solution In...
EN71SN10F EON-EN71SN10F Datasheet
4Mb / 97P
   1.8V NAND Flash 1.8V Mobile DDR SDRAM Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com