Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-J2XMM Datasheet(PDF) 1 Page - Vicor Corporation

Part # VI-J2XMM
Description  DC-DC Converters 25 to 100 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-J2XMM Datasheet(HTML) 1 Page - Vicor Corporation

  VI-J2XMM Datasheet HTML 1Page - Vicor Corporation VI-J2XMM Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12 1-800-735-6200
VI-J00
MiniMod
DC-DC Converters
25 to 100 Watts
Product Highlights
The VI-J00 MiniMod family establishes
a new standard in component-level
DC-DC converters. This “junior” size
complement to the higher power VI-200
family offers up to 100W of isolated and
regulated power in a board mounted
package. At one-half the size and twice
the power density of previous 100W
modules, and with a maximum operating
temperature rating of 100˚C, the MiniMod
opens new horizons for board-mounted
(distributed) power architectures.
Utilizing Vicor’s “zero-current-
switching” forward converter technology,
proven by an installed base of over
8 million units, the MiniMod family
combines state of the art power density
with the efficiency, low noise and
reliability required by next generation
power systems.
Packaging Options
SlimMods™, high power density,
flangeless packages and FinMods™,
featuring integral finned heatsinks.
SlimMod: Option suffix: - S
Example: VI - JXX - XX
- S
FinMod: Option suffix: - F1 and - F2
Examples:
VI - JXX - XX -
F1, 0.75" height
VI - JXX - XX -
F2, 1.00" height
Converter Selection Chart
VI-J
Input Voltage
Brownout /
Nominal
Range
Transient*
0 = 12V
10 - 20V(5)
n/a
22V
1 = 24V
21 - 32V(2)
18V
36V
W = 24V
18 - 36V(2)
n/a
n/a
2 = 36V
21 - 56V(6)
18V
60V
3 = 48V
42 - 60V(3)
36V
72V
N = 48V
36 - 76V(2)
n/a
n/a
4 = 72V
55 - 100V(2)
45V
110V
T = 110V
66 - 160V(2)
n/a
n/a
5 = 150V
100 - 200V(2)
85V
215V
6 = 300V
200 - 400V(3)
170V
425V
7 = 150/300V 100 - 375V(6)
90V
n/a
Max. Output For 5V Outputs > 5V Outputs < 5V Outputs
(1)
50W
50W
10A
(2)
75W
100W
20A
(3)
100W
100W
20A
Max. Output For 5V Outputs > 5V Outputs < 5V Outputs
(4)
75W
75W
15A
(5)
50W
75W
15A
(6)
50W
75W
10A
Product Grade/
Product Grade/
Operating Temp.
Storage Temp.
E = -10°C to +100°C E = -20°C to +105°C
C = -25°C to +100°C C = -40°C to +105°C
I = -40°C to +100°C I = -55°C to +105°C
M = -55°C to +100°C M = -65°C to +105°C
Output Power/Current
VOUT ≥ 5V
VOUT < 5V
Z
=
25W
Z
=
5A
Y
=
50W
Y
=
10A
X
=
75W
X
=
15A
W
=
100W
W
=
20A
Output Voltage
Z =
2V
2 =
15V
Y = 3.3V
N = 18.5V
0 =
5V
3 =
24V
X = 5.2V
L =
28V
W = 5.5V
J =
36V
V = 5.8V
K =
40V
T = 6.5V
4 =
48V
R = 7.5V
H =
52V
M =
10V
F =
72V
1 =
12V
D =
85V
P = 13.8V
B =
95V
Features
s Up to 50W/Cubic Inch
s UL, CSA, TÜV, VDE, BABT
s CE Marked
s Up to 90% Efficiency
s Size: 2.28" x 2.4" x 0.5"
(57,9 x 61,0 x 12,7)
s Remote Sense and Current Limit
s Logic Disable
s Wide Range Output Adjust
s ZCS Power Architecture
s Low Noise FM Control
Mechanical Drawing
5
6
7
8
9
4
3
2
1
.080 Dia (2) places
Solder plate
over copper alloy
.040 (1,0) Dia (7) places
Solder plate
over copper alloy
.01
Aluminum Base
Product ID
this surface
Function
+In
-In
+Out
Trim
–Sense
–Out
Pin #
1
2
3
4
5
6
7
8
9
FULL R
+.030 (0,76)
-.000 (0)
(5,6) Min.
(7,6) Min.
(44,4) Max.
(61,0)
(57,9)
(3,0)
(12,7)
1.90
.65
(16,5)
.49
(12,4)
.30
±.015
(7,6)
±(0,38)
.15
2.10
(53,4)
(33,0)
.40
(10,2)
.35
± .015
(8,9)
±(0,38)
1.40
(35,6)
1.00
(25,4)
.70
(17,8)
Gate In
Gate Out
+Sense
VI-J00
2.28
1.30
(3,8)
.15
(3,8)
(48,3)
.22
.12
.50
.30
2.40
1.75
*Brownout 75% of rated load; transient voltage for 1 second.
Rev 3
1 of 2
For the latest Vicor Product Information: www.vicorpower.com


Similar Part No. - VI-J2XMM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-J2X-CW VICOR-VI-J2X-CW Datasheet
190Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
VI-J2X-CX VICOR-VI-J2X-CX Datasheet
190Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
VI-J2X-CY VICOR-VI-J2X-CY Datasheet
190Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
VI-J2X-EW VICOR-VI-J2X-EW Datasheet
190Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
VI-J2X-EX VICOR-VI-J2X-EX Datasheet
190Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
More results

Similar Description - VI-J2XMM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-J00 VICOR-VI-J00_1 Datasheet
190Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
VE-J50-CZ VICOR-VE-J50-CZ Datasheet
189Kb / 5P
   Half Brick DC-DC Converters 25 to 100 Watts
logo
Tumbler Technologies + ...
TD5-25S1205 TRUMPOWER-TD5-25S1205 Datasheet
22Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 25 Watts
logo
Powerbox
PB169 POWERBOX-PB169 Datasheet
258Kb / 1P
   100-138 WATTS RAILWAY DC/DC CONVERTERS
logo
Vicor Corporation
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-26W-CU VICOR-VI-26W-CU Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
   25 to 30 Watt DC-DC Converters
UM3500 ETC1-UM3500 Datasheet
96Kb / 2P
   40 Watts DC-DC Converters
JTA15 ETC1-JTA15 Datasheet
386Kb / 2P
   15 Watts DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com