Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

395072005 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 395072005
Description  3.50mm (.138") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 5 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395072005 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  395072005 Datasheet HTML 1Page - Molex Electronics Ltd. 395072005 Datasheet HTML 2Page - Molex Electronics Ltd. 395072005 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Dim C
Dim D
Circuit
size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
mm
inch
mm
inch
mm
inch
2
395072002
395072302
395072402
395072502
395072802
395072902
395077002
395077302
395077402
395077502
395077802
395077902
17.3
.68
3.5
.14
12.1
.48
8.1
.32
3
395072003
395072303
395072403
395072503
395072803
395072903
395077003
395077303
395077403
395077503
395077803
395077903
20.8
.82
7.0
.28
15.6
.61
11.6
.46
4
395072004
395072304
395072404
395072504
395072804
395072904
395077004
395077304
395077404
395077504
395077804
395077904
24.3
.96
10.5
.41
19.1
.75
15.1
.59
5
395072005
395072305
395072405
395072505
395072805
395072905
395077005
395077305
395077405
395077505
395077805
395077905
27.8
1.09
14.0
.55
22.6
.89
18.6
.73
6
395072006
395072306
395072406
395072506
395072806
395072906
395077006
395077306
395077406
395077506
395077806
395077906
31.3
1.23
17.5
.69
26.1
1.03
22.1
.87
7
395072007
395072307
395072407
395072507
395072807
395072907
395077007
395077307
395077407
395077507
395077807
395077907
34.8
1.37
21.0
.83
29.6
1.17
25.6
1.01
8
395072008
395072308
395072408
395072508
395072808
395072908
395077008
395077308
395077408
395077508
395077808
395077908
38.3
1.51
24.5
.97
33.1
1.30
29.1
1.15
9
395072009
395072309
395072409
395072509
395072809
395072909
395077009
395077309
395077409
395077509
395077809
395077909
41.8
1.65
28.0
1.10
36.6
1.44
32.6
1.28
10
395072010
395072310
395072410
395072510
395072810
395072910
395077010
395077310
395077410
395077510
395077810
395077910
45.3
1.78
31.5
1.24
40.1
1.58
36.1
1.42
11
395072011
395072311
395072411
395072511
395072811
395072911
395077011
395077311
395077411
395077511
395077811
395077911
48.8
1.92
35.0
1.38
43.6
1.72
39.6
1.56
12
395072012
395072312
395072412
395072512
395072812
395072912
395077012
395077312
395077412
395077512
395077812
395077912
52.3
2.06
38.5
1.52
47.1
1.85
43.1
1.70
13
395072013
395072313
395072413
395072513
395072813
395072913
395077013
395077313
395077413
395077513
395077813
395077913
55.8
2.20
42.0
1.65
50.6
1.99
46.6
1.83
14
395072014
395072314
395072414
395072514
395072814
395072914
395077014
395077314
395077414
395077514
395077814
395077914
59.3
2.34
45.5
1.79
54.1
2.13
50.1
1.97
15
395072015
395072315
395072415
395072515
395072815
395072915
395077015
395077315
395077415
395077515
395077815
395077915
62.8
2.47
49.0
1.93
57.6
2.27
53.6
2.11
16
395072016
395072316
395072416
395072516
395072816
395072916
395077016
395077316
395077416
395077516
395077816
395077916
66.3
2.61
52.5
2.07
61.1
2.41
57.1
2.25
17
395072017
395072317
395072417
395072517
395072817
395072917
395077017
395077317
395077417
395077517
395077817
395077917
69.8
2.75
56.0
2.21
64.6
2.54
60.6
2.39
18
395072018
395072318
395072418
395072518
395072818
395072918
395077018
395077318
395077418
395077518
395077818
395077918
73.3
2.89
59.5
2.34
68.1
2.68
64.1
2.52
19
395072019
395072319
395072419
395072519
395072819
395072919
395077019
395077319
395077419
395077519
395077819
395077919
76.8
3.02
63.0
2.48
71.6
2.82
67.6
2.66
20
395072020
395072320
395072420
395072520
395072820
395072920
395077020
395077320
395077420
395077520
395077820
395077920
80.3
3.16
66.5
2.62
75.1
2.96
71.1
2.80


Similar Part No. - 395072005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
395072002 MOLEX5-395072002 Datasheet
132Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 2 Circuits
395072003 MOLEX5-395072003 Datasheet
132Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 3 Circuits
395072004 MOLEX5-395072004 Datasheet
132Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 4 Circuits
395072006 MOLEX5-395072006 Datasheet
132Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 6 Circuits
395072008 MOLEX5-395072008 Datasheet
132Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Vertical Plug, with Retention Screws, Rear Wire Entry, 8 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com