Electronic Components Datasheet Search |
|
43255-0075 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
43255-0075 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0432550075 Status: Active Overview: mlx Description: 6.35mm (.250") Pitch MLX™ Power Connector Header, Vertical, with Plastic Polarizing Peg, 4 Circuits, Polyester 94V-0, Tin (Sn) Plating, White Documents: 3D Model Product Specification PSX-42002-0001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 43255 Application Wire-to-Board Comments High Vibration Application Overview mlx Product Name MLX™ Physical Breakaway No Circuits (Loaded) 4 Circuits (maximum) 4 Color - Resin Natural Durability (mating cycles max) 50 First Mate / Last Break No Flammability 94V-2 Glow-Wire Compliant No Guide to Mating Part Yes Keying to Mating Part Yes Lock to Mating Part Yes Mated Height (in) 0.400 In Mated Height (mm) 10.16 mm Material - Metal Phosphor Bronze Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Polyester Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.169 In PC Tail Length (mm) 4.30 mm PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Bag Pitch - Mating Interface (in) 0.250 In Pitch - Mating Interface (mm) 6.35 mm Pitch - Term. Interface (in) 0.250 In Pitch - Term. Interface (mm) 6.35 mm Plating min: Mating (µin) 140 Plating min: Mating (µm) 3.5 Polarized to Mating Part Yes Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 43255Series Mates With 42021 MLX™ Power Crimp Housing Plug. 42023 MLX Crimp Terminal. 42024 MLX Crimp Terminal |
Similar Part No. - 43255-0075 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |