Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1D2507B Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S1D2507B
Description  WIDE BAND ANALOG SWITCH FOR MONITORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1D2507B Datasheet(HTML) 4 Page - Samsung semiconductor

  S1D2507B Datasheet HTML 1Page - Samsung semiconductor S1D2507B Datasheet HTML 2Page - Samsung semiconductor S1D2507B Datasheet HTML 3Page - Samsung semiconductor S1D2507B Datasheet HTML 4Page - Samsung semiconductor S1D2507B Datasheet HTML 5Page - Samsung semiconductor S1D2507B Datasheet HTML 6Page - Samsung semiconductor S1D2507B Datasheet HTML 7Page - Samsung semiconductor S1D2507B Datasheet HTML 8Page - Samsung semiconductor S1D2507B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
WIDE BAND ANALOG SWITCH FOR MONITORS
KA2507
4
PIN DESCRIPTION
Table 2. Pin Description
Pin No
Pin Name
Schematic
Description
1
3
5
8
10
12
R1
G1
B1
R2
G2
B2
Video Input
• max. Level = 2.4 V PP
• f-3dB = 300 MH z
2
GND1
-
Red Block Ground
4
GND2
-
Green Block Ground
9
GND3
-
Blue Block Ground
11
GND4
-
HV, SOG, SW Block Ground
6
7
13
14
H1
V1
H2
V2
Horizontal/Vertical Sync Input
• TTL Level
PIN
50
1.5k
7k
50
1.5k
PIN
1k
50k
50k
3 ~ 5 V
0 V


Similar Part No. - S1D2507B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1D2500A01-D0 SAMSUNG-S1D2500A01-D0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2500A01-D0B0 SAMSUNG-S1D2500A01-D0B0 Datasheet
210Kb / 27P
   I2C BUS CONTROLLED R/G/B VIDEO AMPLIFIER
S1D2502A01-D0B0 SAMSUNG-S1D2502A01-D0B0 Datasheet
742Kb / 57P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01 SAMSUNG-S1D2502B01 Datasheet
722Kb / 61P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
S1D2502B01-D0B0 SAMSUNG-S1D2502B01-D0B0 Datasheet
722Kb / 61P
   VIDEO AMP MERGED OSD PROCESSOR FOR MONITORS
More results

Similar Description - S1D2507B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52758SP MITSUBISHI-M52758SP Datasheet
178Kb / 10P
   WIDE BAND ANALOG SWITCH
M52755FP MITSUBISHI-M52755FP Datasheet
69Kb / 9P
   WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M52758SP RENESAS-M52758SP Datasheet
156Kb / 17P
   Wide Band Analog Switch
Mar 31, 2008
logo
Mitsubishi Electric Sem...
M52757FP MITSUBISHI-M52757FP Datasheet
229Kb / 5P
   WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M52757FP RENESAS-M52757FP Datasheet
196Kb / 7P
   Wide Band Analog Switch
logo
Mitsubishi Electric Sem...
M52756SP MITSUBISHI-M52756SP Datasheet
585Kb / 19P
   WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M61323SP RENESAS-M61323SP Datasheet
295Kb / 20P
   Wide Frequency Band Analog Switch
logo
Mitsubishi Electric Sem...
M52348FP MITSUBISHI-M52348FP Datasheet
85Kb / 11P
   WIDE FREQUENCY BAND ANALOG SWITCH
M52348SP MITSUBISHI-M52348SP Datasheet
67Kb / 10P
   WIDE FREQUENCY BAND ANALOG SWITCH
logo
Renesas Technology Corp
M61324SP RENESAS-M61324SP Datasheet
4Mb / 16P
   WIDE FREQUENCY BAND ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com