Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41672-B12A208 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # A-41672-B12A208
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 12 Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

A-41672-B12A208 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button A-41672-B12A208 Datasheet HTML 3Page - Molex Electronics Ltd. A-41672-B12A208 Datasheet HTML 4Page - Molex Electronics Ltd. A-41672-B12A208 Datasheet HTML 5Page - Molex Electronics Ltd. A-41672-B12A208 Datasheet HTML 6Page - Molex Electronics Ltd. A-41672-B12A208 Datasheet HTML 7Page - Molex Electronics Ltd. A-41672-B12A208 Datasheet HTML 8Page - Molex Electronics Ltd. A-41672-B12A208 Datasheet HTML 9Page - Molex Electronics Ltd. A-41672-B12A208 Datasheet HTML 10Page - Molex Electronics Ltd. A-41672-B12A208 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-2938
AB4
DATE:
6/15/2009
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK BREAKAWAY
RIGHT ANGLE
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41672 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Header No:
41186-A-AN
Header No:
41186-A-AN
Header No:
41186-A-AN
Pin No:
2161-52(102)
Pin No:
2161-37(102)
Pin No:
2161-37(501)
Pin Length
L
1.063 / 27.00
Pin Length
L
1.100 / 27.90
Pin Length
L
1.100 / 27.90
Mating
M
.450 / 11.43
Mating
M
.450 / 11.43
Mating
M
.450 / 11.43
Gold:
NA
Gold:
NA
Gold:
OVERALL
Bend Height: Y
.213 / 5.41
Bend Height: Y
.213 / 5.41
Bend Height: Y
.213 / 5.41
PC Tail
P
.172 / 4.69
PC Tail
P
.212 / 5.38
PC Tail
P
.212 / 5.38
Tin:
OVERALL
Tin:
OVERALL
Tin:
NA
Pack Per
PK-41672-001
Pack Per
PK-41672-001
Pack Per
PK-41672-001
Ckts
Material No
Engineer Number
Material No
Engineer Number
Void
Material No
Engineer Number
Void
2
41672-0176
A-41672-A02G102
026504051
A-41672-A05A102-51
2,4
026504121
A-41672-A12A501-51
4,6
3
41672-0177
A-41672-A03G102
41672-0047
A-41672-A02A102-1
1
026497063
A-41672-A06A501-5
5
4
41672-0178
A-41672-A04G102
41672-0174
A-41672-A23A102-51
18,20
,22
5
41672-0179
A-41672-A05G102
026504042
A-41672-A04A102-02
2
6
41672-0180
A-41672-A06G102
026504061
A-41672-A06A102-4
4
7
41672-0181
A-41672-A07G102
026504043
A-41672-A04A102-3
3
8
41672-0182
A-41672-A08G102
026504062
A-41672-A06A102-5
5
9
41672-0183
A-41672-A09G102
416720048
A-41672-A09A102-51
2,3.4,
6,7,8
10
41672-0184
A-41672-A10G102
416720049
A-41672-A14A102-12
12
11
41672-0185
A-41672-A11G102
026504102
A-41672-A10A102-5
5
12
41672-0186
A-41672-A12G102
026504072
A-41672-A07A102-2
2
13
41672-0187
A-41672-A13G102
41672-0175
A-41672-A11A102-2
2
14
41672-0188
A-41672-A14G102
41672-0203
A-41672-A14A102-51
2,6,
11,13
15
41672-0189
A-41672-A15G102
41672-0227
A-41672-A05A102-2
2
16
41672-0190
A-41672-A16G102
17
41672-0191
A-41672-A17G102
18
41672-0192
A-41672-A18G102
19
41672-0193
A-41672-A19G102
20
41672-0194
A-41672-A20G102
21
41672-0195
A-41672-A21G102
22
41672-0196
A-41672-A22G102
23
41672-0197
A-41672-A23G102
24
41672-0198
A-41672-A24G102


Similar Part No. - A-41672-B12A208

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41672-B12A208 MOLEX11-A-41672-B12A208 Datasheet
64Kb / 2P
   KK 396 Breakaway Header, Right-Angle with Friction Lock, 12 Circuits, 0.38um Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com