Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0395051003 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0395051003
Description  3.50mm (.138") Pitch Eurostyle??Vertical PCB Header, with Threaded Retention Inserts, 3 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395051003 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0395051003 Datasheet HTML 1Page - Molex Electronics Ltd. 0395051003 Datasheet HTML 2Page - Molex Electronics Ltd. 0395051003 Datasheet HTML 3Page - Molex Electronics Ltd. 0395051003 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Dim. C
Description
Circuit
size
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
None
10AV
11AV
mm
inch
mm
inch
mm
inch
3.5mm, Euro Header, Vertical, Mounting ends
2
395051002
395051302
395051402
395051502
395051802
395051902
395056002
395056302
395056402
395056502
395056802
395056902
17.30
0.681
3.50
0.138
12.10
0.476
3.5mm, Euro Header, Vertical, Mounting ends
3
395051003
395051303
395051403
395051503
395051803
395051903
395056003
395056303
395056403
395056503
395056803
395056903
20.80
0.819
7.00
0.276
15.60
0.614
3.5mm, Euro Header, Vertical, Mounting ends
4
395051004
395051304
395051404
395051504
395051804
395051904
395056004
395056304
395056404
395056504
395056804
395056904
24.30
0.957
10.50
0.413
19.10
0.752
3.5mm, Euro Header, Vertical, Mounting ends
5
395051005
395051305
395051405
395051505
395051805
395051905
395056005
395056305
395056405
395056505
395056805
395056905
27.80
1.094
14.00
0.551
22.60
0.890
3.5mm, Euro Header, Vertical, Mounting ends
6
395051006
395051306
395051406
395051506
395051806
395051906
395056006
395056306
395056406
395056506
395056806
395056906
31.30
1.232
17.50
0.689
26.10
1.028
3.5mm, Euro Header, Vertical, Mounting ends
7
395051007
395051307
395051407
395051507
395051807
395051907
395056007
395056307
395056407
395056507
395056807
395056907
34.80
1.370
21.00
0.827
29.60
1.165
3.5mm, Euro Header, Vertical, Mounting ends
8
395051008
395051308
395051408
395051508
395051808
395051908
395056008
395056308
395056408
395056508
395056808
395056908
38.30
1.508
24.50
0.965
33.10
1.303
3.5mm, Euro Header, Vertical, Mounting ends
9
395051009
395051309
395051409
395051509
395051809
395051909
395056009
395056309
395056409
395056509
395056809
395056909
41.80
1.646
28.00
1.102
36.60
1.441
3.5mm, Euro Header, Vertical, Mounting ends
10
395051010
395051310
395051410
395051510
395051810
395051910
395056010
395056310
395056410
395056510
395056810
395056910
45.30
1.783
31.50
1.240
40.10
1.579
3.5mm, Euro Header, Vertical, Mounting ends
11
395051011
395051311
395051411
395051511
395051811
395051911
395056011
395056311
395056411
395056511
395056811
395056911
48.80
1.921
35.00
1.378
43.60
1.717
3.5mm, Euro Header, Vertical, Mounting ends
12
395051012
395051312
395051412
395051512
395051812
395051912
395056012
395056312
395056412
395056512
395056812
395056912
52.30
2.059
38.50
1.516
47.10
1.854
3.5mm, Euro Header, Vertical, Mounting ends
13
395051013
395051313
395051413
395051513
395051813
395051913
395056013
395056313
395056413
395056513
395056813
395056913
55.80
2.197
42.00
1.654
50.60
1.992
3.5mm, Euro Header, Vertical, Mounting ends
14
395051014
395051314
395051414
395051514
395051814
395051914
395056014
395056314
395056414
395056514
395056814
395056914
59.30
2.335
45.50
1.791
54.10
2.130
3.5mm, Euro Header, Vertical, Mounting ends
15
395051015
395051315
395051415
395051515
395051815
395051915
395056015
395056315
395056415
395056515
395056815
395056915
62.80
2.472
49.00
1.929
57.60
2.268
3.5mm, Euro Header, Vertical, Mounting ends
16
395051016
395051316
395051416
395051516
395051816
395051916
395056016
395056316
395056416
395056516
395056816
395056916
66.30
2.610
52.50
2.067
61.10
2.406
3.5mm, Euro Header, Vertical, Mounting ends
17
395051017
395051317
395051417
395051517
395051817
395051917
395056017
395056317
395056417
395056517
395056817
395056917
69.80
2.748
56.00
2.205
64.60
2.543
3.5mm, Euro Header, Vertical, Mounting ends
18
395051018
395051318
395051418
395051518
395051818
395051918
395056018
395056318
395056418
395056518
395056818
395056918
73.30
2.886
59.50
2.343
68.10
2.681
3.5mm, Euro Header, Vertical, Mounting ends
19
395051019
395051319
395051419
395051519
395051819
395051919
395056019
395056319
395056419
395056519
395056819
395056919
76.80
3.024
63.00
2.480
71.60
2.819
3.5mm, Euro Header, Vertical, Mounting ends
20
395051020
395051320
395051420
395051520
395051820
395051920
395056020
395056320
395056420
395056520
395056820
395056920
80.30
3.161
66.50
2.618
75.10
2.957


Similar Part No. - 0395051003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395051002 MOLEX5-0395051002 Datasheet
166Kb / 4P
   3.50mm (.138") Pitch Eurostyle??Vertical PCB Header, with Threaded Retention Inserts, 2 Circuits
0395051004 MOLEX5-0395051004 Datasheet
166Kb / 4P
   3.50mm (.138") Pitch Eurostyle??Vertical PCB Header, with Threaded Retention Inserts, 4 Circuits
0395051005 MOLEX5-0395051005 Datasheet
166Kb / 4P
   3.50mm (.138") Pitch Eurostyle??Vertical PCB Header, with Threaded Retention Inserts, 5 Circuits
0395051006 MOLEX5-0395051006 Datasheet
166Kb / 4P
   3.50mm (.138") Pitch Eurostyle??Vertical PCB Header, with Threaded Retention Inserts, 6 Circuits
0395051007 MOLEX5-0395051007 Datasheet
166Kb / 4P
   3.50mm (.138") Pitch Eurostyle??Vertical PCB Header, with Threaded Retention Inserts, 7 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com