Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0416620046 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0416620046
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 24 Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0416620046 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0416620046 Datasheet HTML 1Page - Molex Electronics Ltd. 0416620046 Datasheet HTML 2Page - Molex Electronics Ltd. 0416620046 Datasheet HTML 3Page - Molex Electronics Ltd. 0416620046 Datasheet HTML 4Page - Molex Electronics Ltd. 0416620046 Datasheet HTML 5Page - Molex Electronics Ltd. 0416620046 Datasheet HTML 6Page - Molex Electronics Ltd. 0416620046 Datasheet HTML 7Page - Molex Electronics Ltd. 0416620046 Datasheet HTML 8Page - Molex Electronics Ltd. 0416620046 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-0149
AH7
DATE:
8/11/2009
TITLE:
KK .156 HEADER ASSEMBLY
FLAT BREAKAWAY, 2-24 CKTS.
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41662 -001
MKIPPER
SSOUSEK
FSMITH
0TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-41662-BNY228-*
HEADER NUMBER:
41185-A-AN
PIN NUMBER:
43294-0498
PLATING
228
PIN LENGTH: L
26.16 / 1.030
MATING LENGTH: X
14.61 / .575
GOLD POINT: G
6.86 / .270
PIN HEIGHT: Y
4.95 / .195
PC TAIL LENGTH: Z
4.63 / .182
TIN: T
5.08/ .200
CKTS:
2-24
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-41662-001
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
41662-0024
-B02Y228
41662-0041
-B19Y228
41662-0025
-B03Y228
41662-0042
-B20Y228
41662-0026
-B04Y228
41662-0043
-B21Y228
41662-0027
-B05Y228
41662-0044
-B22Y228
41662-0028
-B06Y228
41662-0045
-B23Y228
41662-0029
-B07Y228
41662-0046
-B24Y228
41662-0030
-B08Y228
41662-0031
-B09Y228
41662-0032
-B10Y228
41662-0033
-B11Y228
41662-0034
-B12Y228
41662-0035
-B13Y228
41662-0036
-B14Y228
41662-0037
-B15Y228
41662-0038
-B16Y228
41662-0039
-B17Y228
41662-0040
-B18Y228
A-41662-ANA154-*
HEADER NUMBER:
41185-A-AN
PIN NUMBER:
2161-19(154)
PLATING
154
PIN LENGTH: L
26.21 / 1.032
MATING LENGTH: X
14.61 / .575
GOLD POINT: G
N/A
PIN HEIGHT: Y
4.95 / .195
PC TAIL LENGTH: Z
4.67 / .184
TIN: T
OVERALL
CKTS:
2-24
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-41662-001
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
-A02A154
-A19A154
-A03A154
-A20A154
-A04A154
-A21A154
-A05A154
-A22A154
-A06A154
-A23A154
-A07A154
-A24A154
-A08A154
-A09A154
-A10A154
-A11A154
-A12A154
-A13A154
41662-1142
-A14A154
-A15A154
-A16A154
-A17A154
-A18A154


Similar Part No. - 0416620046

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0416620001 MOLEX5-0416620001 Datasheet
173Kb / 3P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 2 Circuits
0416620002 MOLEX5-0416620002 Datasheet
173Kb / 3P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 3 Circuits
0416620004 MOLEX5-0416620004 Datasheet
173Kb / 3P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 5 Circuits
0416620005 MOLEX5-0416620005 Datasheet
173Kb / 3P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 6 Circuits
0416620006 MOLEX5-0416620006 Datasheet
173Kb / 3P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 7 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com