Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0399700107 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0399700107
Description  10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 7 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0399700107 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0399700107 Datasheet HTML 1Page - Molex Electronics Ltd. 0399700107 Datasheet HTML 2Page - Molex Electronics Ltd. 0399700107 Datasheet HTML 3Page - Molex Electronics Ltd. 0399700107 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Old Part Number
970507
Reference - Drawing Numbers
Sales Drawing
SD-39970-003
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0399700107

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0399700102 MOLEX5-0399700102 Datasheet
223Kb / 4P
   10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 2 Circuits
0399700103 MOLEX5-0399700103 Datasheet
223Kb / 4P
   10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 3 Circuits
0399700104 MOLEX5-0399700104 Datasheet
223Kb / 4P
   10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 4 Circuits
0399700105 MOLEX5-0399700105 Datasheet
223Kb / 4P
   10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 5 Circuits
0399700106 MOLEX5-0399700106 Datasheet
223Kb / 4P
   10.16mm (.400") Beau??Eurostyle??Fixed Mount PCB Terminal Block, High Power 60A, 6 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com