Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0395121002 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0395121002
Description  3.81mm (.150") Pitch Eurostyle??Horizontal PCB Header, 2 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395121002 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0395121002 Datasheet HTML 1Page - Molex Electronics Ltd. 0395121002 Datasheet HTML 2Page - Molex Electronics Ltd. 0395121002 Datasheet HTML 3Page - Molex Electronics Ltd. 0395121002 Datasheet HTML 4Page - Molex Electronics Ltd. 0395121002 Datasheet HTML 5Page - Molex Electronics Ltd. 0395121002 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Material Numbers
Black
Green
100% Tin
30 u" Gold
100% Tin
30 u" Gold
Dimensional Information
Printing Options
Printing Options
Printing Options
Printing Options
Dim. A
Dim B
Description
Circuit
size
None
10A
11A
None
10A
11A
None
10A
11A
None
10A
11A
mm
inch
mm
inch
3.81mm, Euro Header, Right Angle
2
395121002
395121102
395121202
395121502
395121602
395121702
395126002
395126102
395126202
395126502
395126602
395126702
9.01
0.355
3.81
0.150
3.81mm, Euro Header, Right Angle
3
395121003
395121103
395121203
395121503
395121603
395121703
395126003
395126103
395126203
395126503
395126603
395126703
12.82
0.505
7.62
0.300
3.81mm, Euro Header, Right Angle
4
395121004
395121104
395121204
395121504
395121604
395121704
395126004
395126104
395126204
395126504
395126604
395126704
16.63
0.655
11.43
0.450
3.81mm, Euro Header, Right Angle
5
395121005
395121105
395121205
395121505
395121605
395121705
395126005
395126105
395126205
395126505
395126605
395126705
20.44
0.805
15.24
0.600
3.81mm, Euro Header, Right Angle
6
395121006
395121106
395121206
395121506
395121606
395121706
395126006
395126106
395126206
395126506
395126606
395126706
24.25
0.955
19.05
0.750
3.81mm, Euro Header, Right Angle
7
395121007
395121107
395121207
395121507
395121607
395121707
395126007
395126107
395126207
395126507
395126607
395126707
28.06
1.105
22.86
0.900
3.81mm, Euro Header, Right Angle
8
395121008
395121108
395121208
395121508
395121608
395121708
395126008
395126108
395126208
395126508
395126608
395126708
31.87
1.255
26.67
1.050
3.81mm, Euro Header, Right Angle
9
395121009
395121109
395121209
395121509
395121609
395121709
395126009
395126109
395126209
395126509
395126609
395126709
35.68
1.405
30.48
1.200
3.81mm, Euro Header, Right Angle
10
395121010
395121110
395121210
395121510
395121610
395121710
395126010
395126110
395126210
395126510
395126610
395126710
39.49
1.555
34.29
1.350
3.81mm, Euro Header, Right Angle
11
395121011
395121111
395121211
395121511
395121611
395121711
395126011
395126111
395126211
395126511
395126611
395126711
43.30
1.705
38.10
1.500
3.81mm, Euro Header, Right Angle
12
395121012
395121112
395121212
395121512
395121612
395121712
395126012
395126112
395126212
395126512
395126612
395126712
47.11
1.855
41.91
1.650
3.81mm, Euro Header, Right Angle
13
395121013
395121113
395121213
395121513
395121613
395121713
395126013
395126113
395126213
395126513
395126613
395126713
50.92
2.005
45.72
1.800
3.81mm, Euro Header, Right Angle
14
395121014
395121114
395121214
395121514
395121614
395121714
395126014
395126114
395126214
395126514
395126614
395126714
54.73
2.155
49.53
1.950
3.81mm, Euro Header, Right Angle
15
395121015
395121115
395121215
395121515
395121615
395121715
395126015
395126115
395126215
395126515
395126615
395126715
58.54
2.305
53.34
2.100
3.81mm, Euro Header, Right Angle
16
395121016
395121116
395121216
395121516
395121616
395121716
395126016
395126116
395126216
395126516
395126616
395126716
62.35
2.455
57.15
2.250
3.81mm, Euro Header, Right Angle
17
395121017
395121117
395121217
395121517
395121617
395121717
395126017
395126117
395126217
395126517
395126617
395126717
66.16
2.605
60.96
2.400
3.81mm, Euro Header, Right Angle
18
395121018
395121118
395121218
395121518
395121618
395121718
395126018
395126118
395126218
395126518
395126618
395126718
69.97
2.755
64.77
2.550
3.81mm, Euro Header, Right Angle
19
395121019
395121119
395121219
395121519
395121619
395121719
395126019
395126119
395126219
395126519
395126619
395126719
73.78
2.905
68.58
2.700
3.81mm, Euro Header, Right Angle
20
395121020
395121120
395121220
395121520
395121620
395121720
395126020
395126120
395126220
395126520
395126620
395126720
77.59
3.055
72.39
2.850


Similar Part No. - 0395121002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395121003 MOLEX5-0395121003 Datasheet
161Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Horizontal PCB Header, 3 Circuits
0395121004 MOLEX5-0395121004 Datasheet
161Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Horizontal PCB Header, 4 Circuits
0395121005 MOLEX5-0395121005 Datasheet
161Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Horizontal PCB Header, 5 Circuits
0395121006 MOLEX5-0395121006 Datasheet
161Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Horizontal PCB Header, 6 Circuits
0395121007 MOLEX5-0395121007 Datasheet
161Kb / 4P
   3.81mm (.150") Pitch Eurostyle??Horizontal PCB Header, 7 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com