Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0433753001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0433753001
Description  Sabre??Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, Double 18-20 AWG, 4.57mm (.180") Max. Insulation Diameter, Reel Packaged
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0433753001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0433753001 Datasheet HTML 1Page - Molex Electronics Ltd. 0433753001 Datasheet HTML 2Page - Molex Electronics Ltd. 0433753001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0433753001
Status:
Active
Overview:
sabre
Description:
Sabre™ Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, Double 18-20
AWG, 4.57mm (.180") Max. Insulation Diameter, Reel Packaged
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
43375
Crimp Quality Equipment
Yes
Overview
sabre
Product Literature Order No
USA-113
Product Name
Sabre™
Physical
Durability (mating cycles max)
25
Gender
Female
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
20
Plating min: Mating (µm)
0.50
Plating min: Termination (µin)
20
Plating min: Termination (µm)
0.50
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.30mm (.130") max.
Wire Size AWG
18, 20
Wire Size mm²
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-43375-311
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43375Series
Mates With
43178 Male Crimp Terminals
Use With
44441 Receptacle Housings
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
FineAdjust™
Applicator for
Sabre™ Flat Blade
Crimp Terminal,
18-20 AWG, UL
1015 wires
0639012700
FineAdjust™
Applicator for
0639012800


Similar Part No. - 0433753001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0433750001 MOLEX11-0433750001 Datasheet
87Kb / 1P
   TERMINAL, RECEPTACLE.125/(3.18) X .020/(.51) FLAT BLADE SYSTEM - TPA
0433751001 MOLEX11-0433751001 Datasheet
83Kb / 1P
   TERMINAL, RECEPTACLE .125/(3.18)X.020/.51 FLAT BLADE SYSTEM - TPA
0433752001 MOLEX5-0433752001 Datasheet
137Kb / 3P
   Sabre??Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, Double 18-20 AWG, 2.85mm (.112") Max. Insulation Diameter, Reel Packaged
0433755001 MOLEX5-0433755001 Datasheet
143Kb / 3P
   Sabre??Crimp Terminal, Female, with Tin (Sn) Plated Brass Contact, Double 2020 AWG, 2.85mm (.112") Max. Insulation Diameter, Reel Packaged
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com