Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7307D Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KA7307D
Description  GENERAL DESCRIPTION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA7307D Datasheet(HTML) 2 Page - Samsung semiconductor

  KA7307D Datasheet HTML 1Page - Samsung semiconductor KA7307D Datasheet HTML 2Page - Samsung semiconductor KA7307D Datasheet HTML 3Page - Samsung semiconductor KA7307D Datasheet HTML 4Page - Samsung semiconductor KA7307D Datasheet HTML 5Page - Samsung semiconductor KA7307D Datasheet HTML 6Page - Samsung semiconductor KA7307D Datasheet HTML 7Page - Samsung semiconductor KA7307D Datasheet HTML 8Page - Samsung semiconductor KA7307D Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Preliminary
KA7307D
CDS/AGC
2
VID-97-D002
February 1997
PIN DESCRIPTIONS
No.
Symbol
I/O
Pin Voltage
Description
1
PG IN
I
Black Level
2.3V ~ 2.9V
CCD Signal Input
2
DATA IN
I
( Typ.
: 2.6V )
3
AVCC
I
Typ. : 5.0V
Supply Voltage
4
AGC CONT
I
OV ~ 5V
AGC Gain Control
5
IRIS CONT
I
GAIN CONTROL
IRIS Gain Control
6
IRIS CAP
O
Black Level
2.05V ~ 2.55V
( Typ. : 2.27V )
A Pin is used to attach
IRIS Clamp Capacitor
7
IRIS OUT
O
Black Level
1.2V ~ 1.7V
( Typ. : 1.45V )
IRIS Signal Output
Signal Max. : > 2.0Vp-p
8
AGC CAP
O
Black Level
2.15V ~ 2.65V
( Typ. : 2.37V )
A Pin is used to attach
IRIS Clamp Capacitor
9
AGC OUT
O
Black Level
1.2V ~ 1.7V
( Typ. 1.45V )
AGC Signal Output
Signal Max. : > 2.0Vp-p
10
AGND
O
-
Analog Ground
11
DGND2
O
-
Digital Ground 2
12
XRS
I
H : > 4V
L : < 1V
Sample - and - Hold Sig. Input
( Active Low )
13
WND
I
H : > 4V
L : < 1V
High Speed Pulse
Input Pin for WINDOW ( Active Low )
14
PBLK
I
Pre - Blanking Pulse
Input Pin ( Active Low )
15
CLP1
I
H : > 4V
L : < 1V
Clamping Pulse 1
Input Pin ( Active High )
16
CLP4
I
Clamping Pulse 4
Input Pin ( Active High )
17
DVCC
I
Typ. : 5.0V
Supply Voltage
18
XSHD
I
H : > 4V
High Speed Pulse Input
19
XSHP
I
L : < 1V
Pin for Sampling / Hold ( Active Low )
20
DGND1
O
-
Digital Ground 1


Similar Part No. - KA7307D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7302D SAMSUNG-KA7302D Datasheet
140Kb / 9P
   GENERAL DISCRIPTION
KA7305 SAMSUNG-KA7305 Datasheet
123Kb / 9P
   B/W CCD PROCESSOR
More results

Similar Description - KA7307D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
   GENERAL DESCRIPTION
logo
Fairchild Semiconductor
SGL40N150 FAIRCHILD-SGL40N150 Datasheet
351Kb / 7P
   General Description
SGR20N40L FAIRCHILD-SGR20N40L Datasheet
149Kb / 5P
   General Description
logo
Aplus Intergrated Circu...
AP778 APLUS-AP778 Datasheet
684Kb / 12P
   GENERAL DESCRIPTION
logo
First Silicon Co., Ltd
FTK0903D FS-FTK0903D Datasheet
1,018Kb / 5P
   General Description
logo
Taiwan Memory Technolog...
I709X TMT-I709X Datasheet
77Kb / 1P
   General Description
logo
Samsung semiconductor
KS7308 SAMSUNG-KS7308 Datasheet
96Kb / 13P
   GENERAL DESCRIPTION
logo
Fairchild Semiconductor
SGR15N40L FAIRCHILD-SGR15N40L Datasheet
169Kb / 7P
   General Description
logo
List of Unclassifed Man...
05H12 ETC-05H12 Datasheet
8Kb / 1P
   General Description
logo
National Semiconductor ...
COP688CL NSC-COP688CL Datasheet
445Kb / 40P
   General Description
logo
New Jersey Semi-Conduct...
B2-8Z NJSEMI-B2-8Z Datasheet
86Kb / 2P
   GENERAL DESCRIPTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com